Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-1073-1233-437-B3-K60-5 Arkusz danych(PDF) 4 Page - ETAL Group

Numer części E-1073-1233-437-B3-K60-5
Szczegółowy opis  Battery and cable protection for all types of vehicle (including electric), battery powered systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1073-1233-437-B3-K60-5 Arkusz danych(HTML) 4 Page - ETAL Group

  E-1073-1233-437-B3-K60-5 Datasheet HTML 1Page - ETAL Group E-1073-1233-437-B3-K60-5 Datasheet HTML 2Page - ETAL Group E-1073-1233-437-B3-K60-5 Datasheet HTML 3Page - ETAL Group E-1073-1233-437-B3-K60-5 Datasheet HTML 4Page - ETAL Group E-1073-1233-437-B3-K60-5 Datasheet HTML 5Page - ETAL Group E-1073-1233-437-B3-K60-5 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Battery Isolation Switch E-1073-437
www.e-t-a.de
1646
4
2
For road vehicles, e.g. buses and coaches
Series E-1073-1102-437...
In this application, the E-T-A combined battery switch/circuit
breaker has several functions:
l
High performance circuit breaker rated at 240 A, providing
battery and cable protection from overloads and short circuits.
l
Isolation switch, for ON/OFF operation (e. g. for main system
disconnection).
l
Remote control via external, low-current circuit.
l
Undervoltage protection from battery deep discharge should
electrical loads be left on.
l
Early under voltage signalisation via a warning lamp
(undervoltage status output), located as required.
l
Undervoltage operation can be overridden if required.
l
Auxiliary contact to disconnect the generator field.
l
Reverse polarity protection through immediate disconnection
of the entire vehicle electrical system if the battery is
incorrectly connected.
These functions allow the number of components and cables
required to be reduced, with significant space and weight saving
benefits.
E-T-A E-1073-1233-437-
control
ON/OFF
T-OFF
T-ON
+US2
battery + E- 1073-1233-437-
underground carriage
ON/OFF test
OFF
ON
II
I
34
5
6/7
8
9
10
+UB
-UB
+US1
+
+US2
I >
+
+
+
E-T-A E-1073-1233-437-
control
II
I
34
5
6/7
8
9
10
+UB
-UB
ON/OFF
+US1
T-OFF
+
T-ON
+US2
I >
battery + E- 1073-1233-437-
underground carriage
+
+
+
ON/OFF test
OFF
ON
(External power supply not shown)
Typical applications
ON / OFF
button
series 437
Electronic control unit
I >
FE
II 11
23
13
FA
b
a
FE
3
4
L13
brown
L12
brown
L11
green
FA
ON/OFF
battery
I
12
12
34
56
7
8
9
10
24
14
+US1
U-OFF UST.
CB
6
5
L1 red
+UB-UB
-UB
+
+
UVP OFF
undervoltage status
max. 2 W
ON/OFF
+US1
U-OFF
UST.
terminal strip
double
contact
≥ 125 A
85
86
30
87 87a
31
Kl. 15
+
-
Kl. 15
For rail vehicles, e.g. underground carriages
Series E-1073-1233-437...
In this application, the E-T-A combined battery switch/circuit breaker
has two functions:
l
High performance circuit breaker providing battery and cable
protection from overloads and short circuits.
l
Isolation switch between battery and loads.
In this application, an ON/OFF remote control switch can be provided
in both the first and last carriages. This will enable all batteries to be
disconnected from the power distribution system by the operation
of one control, irrespective of its location. In the same way, all
batteries can be re-connected by the operation of a single control
switch.
This is extremely helpful during coupling/de-coupling of carriages
for example. In addition the E/A test input permits the operation of
individual battery switch/circuit breakers during maintenance.
This is a metric design and millimeter dimensions take precedence ( mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.


Podobny numer części - E-1073-1233-437-B3-K60-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.1A ETAL-E-1071-623-DC24V-0.1A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.5A ETAL-E-1071-623-DC24V-0.5A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-1.0A ETAL-E-1071-623-DC24V-1.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-2.0A ETAL-E-1071-623-DC24V-2.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
More results

Podobny opis - E-1073-1233-437-B3-K60-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com