Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESX10-TB-14DC24V-2A-E Arkusz danych(PDF) 6 Page - ETAL Group

Numer części ESX10-TB-14DC24V-2A-E
Szczegółowy opis  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-14DC24V-2A-E Arkusz danych(HTML) 6 Page - ETAL Group

Back Button ESX10-TB-14DC24V-2A-E Datasheet HTML 2Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 3Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 4Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 9Page - ETAL Group ESX10-TB-14DC24V-2A-E Datasheet HTML 10Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V
1642
6
4
Information on UL approvals/CSA approvals
Instruction leaflet
ESX10-TA/-TB
UL1604
UL File # E320024
Operating Temperature Code T5
- This equipment is suitable for use in Class Ι, Division 2,
Groups A, B, C and D or non-hazardous locations only
WARNING:
- Exposure to some chemicals may degrade the sealing properties
of materials used in the following device: relay
Sealant Material:
Generic Name: Modified diglycidyl ether of bisphenol A
Supplier:
Fine Polymers Corporation
Type:
Epi Fine 4616L-160PK
Casing Material:
Generic Name: Liquid Crystal Polymer
Supplier:
Sumitomo Chemical
Type:
E4008, E4009, or E6008
RECOMMENDATION:
- Periodically inspect the device named above for any degradation
of properties and replace if degradation is found
WARNING – EXPLOSION HAZARD:
- Do not disconnect equipment unless power has been removed or
the area is known to be non-hazardous
- Substitution of any components may impair suitability for Class Ι,
Division 2
ESX10-TA/-TB/-TD
UL2367
Non-hazardous use - UL File # E306740
ESX10-TA/-TB/-TD
UL 508
Non-hazardous use - UL File # E322549
ESX10-TA/-TB
CSA C22.2 No: 14 - File # 16186
CSA C22.2 No: 142 - File # 16186
CSA C22.2 No: 213 (Class Ι, Division 2) File # 16186
Class 2
Meets requirement for Class 2 current limitation
(ESX10-T...-0,5 A/1 A/2 A/3 A)
Dimensions ESX10-TA
83
3.27
80
3.15
Phoenix label ZBF 12
snap-on socket for
symmetrical rail EN 50022-35x7.5
12.5
.492
ok
on
o
r
e
s
e
t
2 LOAD+
Dimensions ESX10-TB
12.5
80
83
snap-on socket for
symmetrical rail EN 50022-35x7.5
Phoenix label ZBF 12
3.27
.492
3.15
Dimensions ESX10-TD
83
3.27
12.5
.492
80
3.15
switch for current
rating adjustment
snap-on socket for
symmetrical rail EN 50022-35x7.5
Phoenix label ZBF 12
ok
on
o
r
e
s
e
t
2 LOAD+
x A
x A
xx A
This device is suitable for use in Class I, Div 2, Groups A, B, C, D;
TC T5; Hazardous locations or nonhazardous locations only
Warnings:
1. Remove power before disconnecting device
or the area is known to be nonhazardous.
2. Components substitutions may impair suitability of Class I, Div 2.
3. Chemical exposure may degrade internal relay's sealing property.
Electronic Circuit Protector
ESX10-T
UL1604
Non-hazardous use
UL File # E306740
Refer to data sheet / installation guidelines for installation
and safety instructions.
UL2367
C22.2 No.213
UL File # E320024
CSA File # 16186
UL508
Non-hazardous use
UL File # E322549
C22.2 No.14
Non-hazardous use
CSA File # 16186
E-T-A Elektrotechnische Apparate GmbH
D-90518 Altdorf · Industriestraße 2-8
Tel. +49 9187 10-0 · Fax +49 9187 10-397
E-Mail: info@e-t-a.de · www.e-t-a.com/e


Podobny numer części - ESX10-TB-14DC24V-2A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

Podobny opis - ESX10-TB-14DC24V-2A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com