Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESX10-TB-12DC24V-3A-E Arkusz danych(PDF) 4 Page - ETAL Group

Numer części ESX10-TB-12DC24V-3A-E
Szczegółowy opis  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-12DC24V-3A-E Arkusz danych(HTML) 4 Page - ETAL Group

  ESX10-TB-12DC24V-3A-E Datasheet HTML 1Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 2Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 3Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 4Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-12DC24V-3A-E Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V
1642
4
4
Terminal wiring diagram ESX10-TB-124 (Example)
ESX10-TB-124-…
LINE (+)
DC 24 V
LOAD (+)
load output
0 V
SF status output
RE reset input
status indication
green/orange/red
S1
ON/OFF
Schematic diagram ESX10-TB-124 (Example)
LINE+
1
SF 23
RE 22
2
LOAD+
0V
3
TB-124
22
23
ok
r
e
s
e
t
on
off
xxA
2 LOAD+
Approvals
ESX10-TA/-TB and -TD
Authority
Standard
Voltage rating
Current ratings
UL
UL 2367
DC 24 V
0.5 A…16 A
UL
UL 1604
DC 24 V
0.5 A…12 A
UL
UL 508
C22.2 No 14
DC 24 V
0.5 A…16 A
GL
Rules VI, part 7,
GL 2012, category
C, EMC1
DC 24 V
0.5 A...12 A
ESX10-TA and -TB
Authority
Standard
Voltage rating
Current ratings
CSA
C22.2 No 14
C22.2 No 142M
C22.2 No 213-M
DC 24 V
0.5...12 A
TÜV
ATEX 94/9/EC
Annex VIII
EN 60079-0
EN 60079-11
EN 60079-15
DC 24 V
Table 2: ESX10-T - product version
Version
Signal input
Signal output
Signal output F (Signal contact)
Status output SF
ESX10-..
without
Control input
ON/OFF +24 V
Control IN+
Reset input
+24 V RE
without single signal
N/O
(normally
open NO)
single signal
N/C
(normally
closed NC)
without Status OUT
+24 V = OK
Status OUT
0 V = OK
-TA
-100
x
x
x
-TB/-TD
-101
x
x
x
-TB/-TD
-102
x
x
x
-TB/-TD
-114
x
x
-TB/-TD
-124
x
x
x
-TB/-TD
-127
x
x
x


Podobny numer części - ESX10-TB-12DC24V-3A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

Podobny opis - ESX10-TB-12DC24V-3A-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com