Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-1048-S600DC24V4.0A Arkusz danych(PDF) 1 Page - ETAL Group

Numer części E-1048-S600DC24V4.0A
Szczegółowy opis  Optimum load protection. Available in current ratings of 0.5 A; 1 A; 2 A; 4 A. No derating required over entire temperature range!
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1048-S600DC24V4.0A Arkusz danych(HTML) 1 Page - ETAL Group

  E-1048-S600DC24V4.0A Datasheet HTML 1Page - ETAL Group E-1048-S600DC24V4.0A Datasheet HTML 2Page - ETAL Group E-1048-S600DC24V4.0A Datasheet HTML 3Page - ETAL Group E-1048-S600DC24V4.0A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1048-S6...
1646
1
Description
Features
Technical data (Tambient = 25 °C; at UN)
Ordering information
E-1048-S602
Load circuit
Voltage rating US
DC 24 V (18...36 V)
Current rating IN
0.5 A; 1 A; 2 A; 4 A
(other ratings to special order)
Closed-circuit current IContr
typically 0.3 mA
Min. load current
Standard version:
Iload > 1 mA
wire break indication in OFF condition
Option: wire break indication in OFF and ON condition
wire break ind. in OFF cond. Rload > typ. 500 kΩ
wire break ind. in ON cond. Iload < typ. 130 mA (0.5/1 A unit)
Iload < typ. 500 mA (2/4 A unit)
Voltage drop UDSmax
0.15 V; 0.3 V; 0.1 V; 0.2 V
Switch-on/switch-off time ton/toff typ. 300 µs/700 µs with resistive load
Overload disconnection
approx. 1.5 (±0.3) x IN after approx.
100 ms Short-circuit current
max. 25 A (with 0.5 A and 1 A
(self-limiting)
current ratings)
max. 75 A (with 2 A and 4 A current
ratings)
Short-circuit disconnection
< 250 µs
Control circuit
Voltage rating
DC 24 V
Voltage controlled input UE
DC 0 V < low level < 5 V
DC 8.5 V < high level < 36 V
Input current IE
1...10 mA (8.5...36 V)
Max. switching frequency fmax 500 Hz
Reset time after short-
circuit/overload disconnection 1 ms
Fault indication output F (opto coupler)
Voltage rating range
DC 5...36 V
Voltage rating range
DC 5...36 V
Max. load current
100 mA (∆U < 2 V), with reverse
polarity protection
Error indication
output F+ / F- conductive
- wire break in load circuit
- after short-circuit/overload
disconnection
Parallel connection possible, as leakage current < 10 µA
General data
Temperature range
0 °C...+60 °C
Insulation voltage
2.5 kVrms
(IEC 60664/VDE 0110)
Vibration
3 g, test to EN 60068-2-6 test Fc
Mass
34 g
Type No.
E-1048
Solid State Remote Power Controller
Version
S600 wire break indication in OFF condition
(standard)
S602 with permanent wire break monitoring
Voltage rating
DC 24 V DC 24 V (standard)
Current ratings
0.5 A
1.0 A
2.0 A
4.0 A
E-1048 -
S600 DC24 V 1.0 A
ordering example
Where remote control, wire break and LED indication is not required, please
contact us for a thermal-magnetic circuit breaker (e.g. types 2210, 3600, 3900).
The E-T-A Solid State Remote Power Controller (SSRPC) E-1048-
S6xx
is an opto decoupled transistorised switching device providing both
protection and signalisation.
It may be used wherever safe switching and protection of resistive,
inductive or lamp loads in DC voltage systems is required.
Typical applications
Automation
- interface module providing inexpensive power amplification
at PLC outputs
- optimum protection of individual loads by monitoring the load
circuit
Protection and control of
- motors
- solenoids
- lamps
l
Optimum load protection. Available in current ratings of 0.5 A; 1 A;
2 A; 4 A. No derating required over entire temperature range!
l
Fast short-circuit limitation and disconnection
l
Time/current dependent overload disconnection (simulating
thermal-magnetic CBE trip curve)
l
Remote control
l
Fault indication: LED and signal output for overload/short-circuit
signalisation, and wire break indication in the OFF condition
(version -600) and in the OFF and ON condition (version -602)
l
Physically isolated fault indication.
l
Compact plug-in type
5


Podobny numer części - E-1048-S600DC24V4.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-1.0A ETAL-E-1048-S700DC24V-1.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-2.0A ETAL-E-1048-S700DC24V-2.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-4.0A ETAL-E-1048-S700DC24V-4.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
E-1048-S700DC24V-5.0A ETAL-E-1048-S700DC24V-5.0A Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
More results

Podobny opis - E-1048-S600DC24V4.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1048-S7 ETAL-E-1048-S7 Datasheet
336Kb / 4P
   Optimum load protection because a range of current ratings is available
logo
Megawin Technology Co.,...
MG65P701A MEGAWIN-MG65P701A Datasheet
1Mb / 42P
   Build-in a over current protection circuit
logo
Allegro MicroSystems
A6214 ALLEGRO-A6214 Datasheet
1Mb / 25P
   2 A maximum output over operating temperature range
logo
Murata Manufacturing Co...
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-A0 MURATA-CSALS16M0X55-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS25M0X53-B0 MURATA-CSALS25M0X53-B0 Datasheet
182Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com