Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-1071-623-DC24V-1.0A Arkusz danych(PDF) 5 Page - ETAL Group

Numer części E-1071-623-DC24V-1.0A
Szczegółowy opis  Designed for inductive loads (DC 24 V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETAL [ETAL Group]
Strona internetowa  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1071-623-DC24V-1.0A Arkusz danych(HTML) 5 Page - ETAL Group

  E-1071-623-DC24V-1.0A Datasheet HTML 1Page - ETAL Group E-1071-623-DC24V-1.0A Datasheet HTML 2Page - ETAL Group E-1071-623-DC24V-1.0A Datasheet HTML 3Page - ETAL Group E-1071-623-DC24V-1.0A Datasheet HTML 4Page - ETAL Group E-1071-623-DC24V-1.0A Datasheet HTML 5Page - ETAL Group E-1071-623-DC24V-1.0A Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.e-t-a.de
Solid State Remote Power Controller E-1071-
623/627
5
1646
5
Solid State Remote Power Controller E-1071-
623/627
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications wit-
hout notice is reserved.Product markings may not be exactly as the ordering codes. Errors
and omissions excepted.
Possible configuration of E-1071-62x
with screw terminals:
E-1071-623-DC 24 V-0.1...3.1 A
with screwless terminals:
E-1071-627-DC 24 V-0.1...3.1 A
Often DC 24 V solenoids with a low power rating are used which are
to be controlled and monitored by the above mentioned devices.
Sometimes these solenoids are fitted with solenoid valve plugs, e.g.
made by Hirschmann, and hold a small electronic pcb
- with LED,
- a series resistor
- a protective diode connected in anti-parallel to the LED
The following components can be recommended:
l
Recommended valve plugs with LED, Hirschmann
- type GDML 2011 LED 24 YE, contains the pcb
type GDME-LED 24 YE
- type GDML 2011 LED 24 RD, contains the pcb
type GDME-LED 24 RD
status indication (LED) with a protective diode connected in
anti-parallel
Application note:
Controlling and monitoring of solenoid valves in combination with LED valve plugs
(+)
(-)
(+) 1
(-) 2
l
Recommended adapter with LED, Murr Elektronik
- suppressor element model B – 10 mm LED,
24 V DC/50 VA/W, part no.: 3124875
- suppressor element model BI – 11 mm LED,
24 V AC/DC/50 VA/W, part no.: 3124215
- suppressor element model C – 8 mm LED,
24 V AC/DC/50 VA/W, part no.: 312811
Please note:
l
In the event of using a plug or suppressor element not
recommended, the wire break monitoring function might be
limited in the not activated condition.


Podobny numer części - E-1071-623-DC24V-1.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ETAL Group
E-1072-100 ETAL-E-1072-100 Datasheet
177Kb / 4P
   PLC controllable electronic switching amplifier (max. 3 A) with additional protective and control functions for DC 24 V loads (e.g.solenoids, magnetic brakes, electromagnetic clutches, monitoring and indicator lamps).
E-1072-128 ETAL-E-1072-128 Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-128-DC24V-3A ETAL-E-1072-128-DC24V-3A Datasheet
189Kb / 4P
   Nennspannung DC 24 V (19,2...36 V)
E-1072-210-DC24V-1A ETAL-E-1072-210-DC24V-1A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
E-1072-210-DC24V-2A ETAL-E-1072-210-DC24V-2A Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
More results

Podobny opis - E-1071-623-DC24V-1.0A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
   Reed Switch for Inductive Loads
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
   TRIAC analog control circuits for inductive loads
logo
Infineon Technologies A...
BTT6100-2EKA INFINEON-BTT6100-2EKA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
BTS5200-4EKA INFINEON-BTS5200-4EKA Datasheet
2Mb / 49P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-02-06
BTT6200-4EMA INFINEON-BTT6200-4EMA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
logo
STMicroelectronics
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com