Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4177-2 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADA4177-2
Szczegółowy opis  OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4177-2 Arkusz danych(HTML) 4 Page - Analog Devices

  ADA4177-2 Datasheet HTML 1Page - Analog Devices ADA4177-2 Datasheet HTML 2Page - Analog Devices ADA4177-2 Datasheet HTML 3Page - Analog Devices ADA4177-2 Datasheet HTML 4Page - Analog Devices ADA4177-2 Datasheet HTML 5Page - Analog Devices ADA4177-2 Datasheet HTML 6Page - Analog Devices ADA4177-2 Datasheet HTML 7Page - Analog Devices ADA4177-2 Datasheet HTML 8Page - Analog Devices ADA4177-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADA4177-1/ADA4177-2/ADA4177-4
Data Sheet
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.5 V to ±18 V
125
145
dB
−40°C < T
A < +125°C
120
dB
Supply Current per Amplifier
I
SY
V
OUT = 0 V
500
560
µA
−40°C < T
A < +125°C
600
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
1.5
V/µs
Settling Time
t
S
To 0.1%
V
IN = 1 V step, RL = 2 kΩ, AV = −1
1.8
µs
To 0.01%
V
IN = 1 V step, RL = 2 kΩ, AV = −1
3.5
µs
Gain Bandwidth Product
GBP
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +100
3.5
MHz
Unity-Gain Crossover
UGC
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +1
3.5
MHz
−3 dB Closed-Loop Bandwidth
f
−3 dB
V
IN = 10 mV p-p, RL = 2 kΩ, AV = +1
6
MHz
Total Harmonic Distortion Plus Noise
THD + N
V
IN = 1 V rms, RL = 2 kΩ, AV = +1, f = 1 kHz
0.003
%
EMI Rejection of +IN x
EMIRR
V
IN = 200 mV p-p
f = 1000 MHz
70
dB
f = 2400 MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0.1 Hz to 10 Hz
175
nV p-p
Voltage Noise Density
e
n
f = 10 Hz
10
nV/√Hz
f = 1 kHz
8
nV/√Hz
Current Noise Density
i
n
f = 1 kHz
0.2
pA/√Hz
1 All inputs are stressed to 32 V beyond supplies for 500 ms. See Figure 71 for the typical input bias current vs. the input voltage over the overvoltage protected input range.
Rev. C | Page 4 of 31


Podobny numer części - ADA4177-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4000-1 AD-ADA4000-1 Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1 AD-ADA4000-1 Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
84Kb / 8P
   Low Cost, Precision JFET Input Operational Amplifier in TSOT
Rev. PrA
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
476Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
REV. 0
ADA4000-1ARZ AD-ADA4000-1ARZ Datasheet
578Kb / 16P
   Low Cost, Precision JFET Input Operational Amplifiers
More results

Podobny opis - ADA4177-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28156_0812 INTERSIL-ISL28156_0812 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168_11 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX40075 MAXIM-MAX40075 Datasheet
1Mb / 14P
   10MHz/42MHz Low Noise, Low Bias Op-Amps
2017
logo
Texas Instruments
TLV387 TI-TLV387_V01 Datasheet
2Mb / 27P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI-TLV387 Datasheet
1Mb / 20P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
DECEMBER 2021
TLV387 TI1-TLV387_V03 Datasheet
1Mb / 33P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
TLV387 TI-TLV387_V02 Datasheet
1Mb / 31P
[Old version datasheet]   TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
REVISED NOVEMBER 2023
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com