Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4807-4AURZ-EBZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADA4807-4AURZ-EBZ
Szczegółowy opis  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4807-4AURZ-EBZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADA4807-4AURZ-EBZ Datasheet HTML 2Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 3Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 4Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 5Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 6Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 7Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 8Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 9Page - Analog Devices ADA4807-4AURZ-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 6 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DISABLE CHARACTERISTICS1
DISABLE Input Voltage2
Low
Disabled
<1.3
V
High
Enabled
>1.8
V
DISABLE Input Current
Low
Disabled
−360
nA
High
Enabled
−1.3
nA
DISABLE On Time
DISABLE input midswing point to >90%
of final VOUT, VPD = +VS
450
700
ns
DISABLE Off Time
DISABLE input midswing point to <10%
of enabled quiescent current, VPD = −VS
270
450
ns
OUTPUT CHARACTERISTICS
Saturated Output Voltage Swing
RLOAD = 1 kΩ
High
+VS − 0.05
+VS − 0.03
V
Low
−VS + 0.05
−VS + 0.04
V
Linear Output Current3
Sourcing, G = +1, VIN = +VS, RLOAD = varied
50
mA
Sinking, G = +1, VIN = −VS, RLOAD = varied
60
mA
Short-Circuit Current
Sourcing, G = +1, VIN = +VS, RLOAD = 0 Ω
to 10 Ω
80
mA
Sinking, G = +1, VIN = −VS, RLOAD = 0 Ω to
10 Ω
80
mA
Capacitive Load Drive
CLOAD = 15 pF, VOUT = 20 mV p-p
24
% overshoot
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current per Amplifier
Enabled, no load, TA = 25°C
950
1000
μA
Disabled, TA = 25°C
1.3
2.0
μA
PSRR
Positive
+VS = 1.5 V to 3.5 V, −VS = −2.5 V
98
115
dB
Negative
+VS = 2.5 V, −VS = −1.5 V to −3.5 V
98
130
dB
1 The disable pin is DISABLE on the ADA4807-1 and DISABLE1 or DISABLE2 for the ADA4807-2 LFCSP package, hereafter referred to as DISABLE for the ADA4807-1/ADA4807-2.
2 See the Disable Circuitry section.
3 See Figure 53 and Figure 56.


Podobny numer części - ADA4807-4AURZ-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4807-1 AD-ADA4807-1 Datasheet
3Mb / 60P
   16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
ADA4807-1 AD-ADA4807-1 Datasheet
3Mb / 68P
   16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
ADA4807-2 AD-ADA4807-2 Datasheet
532Kb / 13P
   Devices Connected
More results

Podobny opis - ADA4807-4AURZ-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4896-2 AD-ADA4896-2 Datasheet
515Kb / 28P
   1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
REV. 0
ADA4895-2ARMZ-R7 AD-ADA4895-2ARMZ-R7 Datasheet
490Kb / 24P
   Low Power, 1 nV/?숰z, G ??10 Stable, Rail-to-Rail Output Amplifier
REV. 0
logo
Texas Instruments
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TSV911 TI1-TSV911 Datasheet
1Mb / 25P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_19 Datasheet
4Mb / 49P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
[Old version datasheet]   17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911 TI1-TSV911_18 Datasheet
2Mb / 36P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV911_018 TI1-TSV911_018 Datasheet
3Mb / 41P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com