Zakładka z wyszukiwarką danych komponentów |
|
ADF7030-1 Arkusz danych(PDF) 1 Page - Analog Devices |
|
ADF7030-1 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 15 page ADF7030-1 Hardware Reference Manual UG-957 One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com ADF7030-1 Hardware Reference Manual PLEASE SEE THE LAST PAGE FOR AN IMPORTANT WARNING AND LEGAL TERMS AND CONDITIONS. Rev. 0 | Page 1 of 15 SCOPE This reference manual provides a description of the ADF7030-1 radio functionality, hardware features, and application circuit requirements. It is intended as a resource for a hardware engineer designing a printed circuit board (PCB) that includes the ADF7030-1. ABOUT THE ADF7030-1 The ADF7030-1 is a low power, high performance, fully integrated radio transceiver that supports a wide range of modulation scheme and channel widths in the sub GHz frequency range. The ADF7030-1 features an on-chip ARM® Cortex®-M0 processor that performs radio control and radio packet management. OTHER RELEVANT DOCUMENTATION Complete specifications for the ADF7030-1 device can be found in the ADF7030-1 data sheet. The ADF7030-1software reference manual is the programming guide for the ADF7030-1 and is available from Analog Devices, Inc. Both the ADF7030-1 data sheet and software reference manual documents should be consulted in conjunction with this hardware reference manual. Figure 1. Functional Block Diagram RECEIVER DIGITAL BASEBAND SYNTHESIZER TRANSMITTER ROM INTERRUPT CONTROLLER SPI SLAVE CONFIGURABLE GPIOs LNA PA PA ARM® CORTEX®-M0 RAM TCXO BUFFER LDOx ADF7030-1 26MHz OSC 32kHz OSC TEMP SENSOR 26kHz RCOSC PAOUT2 PAOUT1 LNAIN1 LNAIN2 CREGx HFXTALN HFXTALP GPIO6 GPIO7 SPI GPIOx NOTES 1. CREGx, GPIOx, AND SPI CONTAIN MULTIPLE PINS. |
Podobny numer części - ADF7030-1 |
|
Podobny opis - ADF7030-1 |