Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4610-2ACPZ-RL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADA4610-2ACPZ-RL
Szczegółowy opis  Rail-to-rail output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4610-2ACPZ-RL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADA4610-2ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 9Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 10Page - Analog Devices ADA4610-2ACPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 7 of 25
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC 1
–IN 2
+IN 3
V– 4
NIC
8
V+
7
OUT
6
NIC
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
ADA4610-1
TOP VIEW
(Not to Scale)
Figure 2. ADA4610-1 Pin Configuration, 8-Lead SOIC (R Suffix)
Table 6. ADA4610-1 Pin Function Descriptions, 8-Lead SOIC
Pin No.
Mnemonic
Description
1, 5, 8
NIC
Not Internally Connected
2
−IN
Inverting Input
3
+IN
Noninverting Input
4
V−
Negative Supply Voltage
6
OUT
Output
7
V+
Positive Supply Voltage
OUT 1
+IN 3
V– 2
V+
5
–IN
4
ADA4610-1
TOP VIEW
(Not to Scale)
Figure 3. ADA4610-1 Pin Configuration, 5-Lead SOT-23 (RJ Suffix)
Table 7. ADA4610-1 Pin Function Descriptions, 5-Lead SOT-23
Pin No.
Mnemonic
Description
1
OUT
Output
2
V−
Negative Supply Voltage
3
+IN
Noninverting Input
4
−IN
Inverting Input
5
V+
Positive Supply Voltage


Podobny numer części - ADA4610-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4610-2ACPZ-RL AD-ADA4610-2ACPZ-RL Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
ADA4610-2ACPZ-RL AD-ADA4610-2ACPZ-RL Datasheet
750Kb / 25P
   Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
More results

Podobny opis - ADA4610-2ACPZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
   Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
   Output Rail-to-Rail
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
logo
SG Micro Corp
SGM8302 SGMICRO-SGM8302 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
SG Micro Corp
SGM8301 SGMICRO-SGM8301_17 Datasheet
809Kb / 16P
   Rail-to-Rail Output Amplifiers
SGM8304 SGMICRO-SGM8304 Datasheet
381Kb / 16P
   Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
   215MHz, Rail-to-Rail Output
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
LT6235 LINER-LT6235_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com