Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1761-EVALZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADP1761-EVALZ
Szczegółowy opis  TABLE OF CONTENTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1761-EVALZ Arkusz danych(HTML) 1 Page - Analog Devices

  ADP1761-EVALZ Datasheet HTML 1Page - Analog Devices ADP1761-EVALZ Datasheet HTML 2Page - Analog Devices ADP1761-EVALZ Datasheet HTML 3Page - Analog Devices ADP1761-EVALZ Datasheet HTML 4Page - Analog Devices ADP1761-EVALZ Datasheet HTML 5Page - Analog Devices ADP1761-EVALZ Datasheet HTML 6Page - Analog Devices ADP1761-EVALZ Datasheet HTML 7Page - Analog Devices ADP1761-EVALZ Datasheet HTML 8Page - Analog Devices ADP1761-EVALZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADP1761-EVALZ/ADP1762-EVALZ/ADP1763-EVALZ User Guide
UG-954
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
Evaluating the ADP1761/ADP1762/ADP1763 Low VIN, Low Noise,
CMOS Linear Regulators
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 9
FEATURES
Input voltage range: 1.1 V to 1.98 V
Output current range
ADP1761: 0 mA to 1 A
ADP1762: 0 mA to 2 A
ADP1763: 0 mA to 3 A
Output voltage accuracy: ±1.5%
Operating temperature range: −40°C to +125°C
GENERAL DESCRIPTION
The ADP1761, the ADP1762, and the ADP1763 evaluation
boards demonstrate the functionality of the ADP1761, the
ADP1762, and the ADP1763 series of linear regulators.
Simple device measurements, such as line and load regulation,
dropout voltage, and ground current, are demonstrated with
only a single voltage supply, a voltmeter, an ammeter, and load
resistors.
For full details on the ADP1761, the ADP1762, and the
ADP1763 line regulators, see the ADP1761, the ADP1762,
and the ADP1763 data sheets, which should be consulted in
conjunction with this user guide when using this evaluation
board.
ADP1761, ADP1762, AND ADP1763
EVALUATION BOARDS
Figure 1. The ADP1761, the ADP1762, and the ADP1763 Fixed Board
Figure 2. The ADP1761, the ADP1762, and the ADP1763 Adjustable Board


Podobny numer części - ADP1761-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1761-1.3-EVALZ AD-ADP1761-1.3-EVALZ Datasheet
883Kb / 19P
   CMOS Linear Regulator
ADP1761-ADJ-EVALZ AD-ADP1761-ADJ-EVALZ Datasheet
883Kb / 19P
   CMOS Linear Regulator
More results

Podobny opis - ADP1761-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
1410946-1 MACOM-1410946-1 Datasheet
1Mb / 26P
   Table of Contents
logo
Texas Instruments
TPA6017A2 TI-TPA6017A2_13 Datasheet
3Mb / 81P
[Old version datasheet]   Introduction and Table of Contents
logo
Tyco Electronics
2-1437683-0 MACOM-2-1437683-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
2-1437684-0 MACOM-2-1437684-0 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
2-1437683-6 MACOM-2-1437683-6 Datasheet
367Kb / 18P
   Table of Contents?봊nterface Module Systems
logo
National Semiconductor ...
COP400 NSC-COP400 Datasheet
8Mb / 79P
   COPS Family Users Guide Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com