Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB030N10RH8 Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części MTB030N10RH8
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030N10RH8 Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  MTB030N10RH8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB030N10RH8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C053H8
Issued Date : 2017.01.23
Revised Date :
Page No. : 3/ 10
MTB030N10RH8
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.07
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
23.7
-
S
VDS =10V, ID=20A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =80V, VGS =0V
IDSS
-
-
5
μA
VDS =80V, VGS =0V, Tj=55
°C
-
25.5
35
VGS =10V, ID=20A
*RDS(ON)
-
29.8
42
VGS =4.5V, ID=20A
Dynamic
*Qg
-
27.3
-
*Qgs
-
4.8
-
*Qgd
-
5
-
nC
VDS=80V, ID=20A, VGS=10V
*td(ON)
-
10.8
-
*tr
-
16
-
*td(OFF)
-
41.4
-
*tf
-
5.8
-
ns
VDS=50V, ID=20A, VGS=10V, RG=1Ω
Ciss
-
1327
-
Coss
-
89
-
Crss
-
15
-
pF
VGS=0V, VDS=50V, f=1MHz
Rg
-
1.8
-
Ω
f=1MHz
Source-Drain Diode
*IS
-
-
18
*ISM
-
-
72
A
*VSD
-
0.73
1
V
IS=1A, VGS=0V
*trr
-
19.5
-
ns
*Qrr
-
15.2
-
nC
VGS=0V, IF=1A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Podobny numer części - MTB030N10RH8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB030N10RE3 CYSTEKEC-MTB030N10RE3 Datasheet
403Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RJ3 CYSTEKEC-MTB030N10RJ3 Datasheet
637Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RJ3-0-T3-G CYSTEKEC-MTB030N10RJ3-0-T3-G Datasheet
637Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RQ8 CYSTEKEC-MTB030N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RQ8-0-T3-G CYSTEKEC-MTB030N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB030N10RH8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com