Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB030N10RH8-0-T6-G Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części MTB030N10RH8-0-T6-G
Szczegółowy opis  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030N10RH8-0-T6-G Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  MTB030N10RH8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB030N10RH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C053H8
Issued Date : 2017.01.23
Revised Date :
Page No. : 1/ 10
MTB030N10RH8
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTB030N10RH8 BVDSS
100V
18A
ID@VGS=10V, TC=25°C
5.7A
ID@VGS=10V, TA=25°C
RDS(ON)@VGS=10V, ID=20A
25.5mΩ(typ)
Features
RDS(ON)@VGS=4.5V, ID=20A 29.8mΩ(typ)
• Low On Resistance
• Simple Drive Requirement
• Low Gate Charge
• Fast Switching Characteristic
• Pb-free lead plating and Halogen-free package
Symbol
Outline
MTB030N10RH8
DFN5×6
Pin 1
Ordering Information
Device
Package
Shipping
MTB030N10RH8-0-T6-G
DFN 5 ×6
(Pb-free lead plating and halogen-free package)
3000 pcs / tape & reel
G:Gate D:Drain S:Source
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T6 : 3000 pcs / tape & reel,13” reel
Product rank, zero for no rank products
Product name
S
S
S
G
D
D
D
D
S
S
G
D
D
D
D
S
Pin 1


Podobny numer części - MTB030N10RH8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB030N10RE3 CYSTEKEC-MTB030N10RE3 Datasheet
403Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RJ3 CYSTEKEC-MTB030N10RJ3 Datasheet
637Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RJ3-0-T3-G CYSTEKEC-MTB030N10RJ3-0-T3-G Datasheet
637Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RQ8 CYSTEKEC-MTB030N10RQ8 Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB030N10RQ8-0-T3-G CYSTEKEC-MTB030N10RQ8-0-T3-G Datasheet
484Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB030N10RH8-0-T6-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com