Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9144BCPZRL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9144BCPZRL
Szczegółowy opis  Multiple chip synchronization
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9144BCPZRL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9144BCPZRL Datasheet HTML 5Page - Analog Devices AD9144BCPZRL Datasheet HTML 6Page - Analog Devices AD9144BCPZRL Datasheet HTML 7Page - Analog Devices AD9144BCPZRL Datasheet HTML 8Page - Analog Devices AD9144BCPZRL Datasheet HTML 9Page - Analog Devices AD9144BCPZRL Datasheet HTML 10Page - Analog Devices AD9144BCPZRL Datasheet HTML 11Page - Analog Devices AD9144BCPZRL Datasheet HTML 12Page - Analog Devices AD9144BCPZRL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 8 of 125
SYSREF TO DAC CLOCK TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = −40°C to +85°C, IOUTFS = 20 mA, SYSREF± common-mode voltages = 0.0 V, 0.6 V, 1.25 V, and 2.0 V, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF DIFFERENTIAL SWING = 0.4 V, SLEW RATE = 1.3 V/ns
Setup Time
AC-coupled
126
ps
DC-coupled
131
ps
Hold Time
AC-coupled
92
ps
DC-coupled
119
ps
SYSREF DIFFERENTIAL SWING = 0.7 V, SLEW RATE = 2.28 V/ns
Setup Time
AC-coupled
96
ps
DC-coupled
104
ps
Hold Time
AC-coupled
77
ps
DC-coupled
95
ps
SYSREF SWING = 1.0 V, SLEW RATE = 3.26 V/ns
Setup Time
AC-coupled
83
ps
DC-coupled
90
ps
Hold Time
AC-coupled
68
ps
DC-coupled
84
ps
DIGITAL INPUT DATA TIMING SPECIFICATIONS
AVDD33 = 3.3 V, SIOVDD33 = 3.3 V, IOVDD = 1.8 V, DVDD12 = 1.2 V, CVDD12 = 1.2 V, PVDD12 = 1.2 V, SVDD12 = 1.2 V, VTT = 1.2 V,
TA = 25°C, IOUTFS = 20 mA, unless otherwise noted.
Table 6.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LATENCY
Interface
17
PClock1 cycles
Interpolation
58
DAC clock cycles
137
DAC clock cycles
251
DAC clock cycles
484
DAC clock cycles
Inverse Sinc
17
DAC clock cycles
Fine Modulation
20
DAC clock cycles
Coarse Modulation
fS/8
8
DAC clock cycles
fS/4
4
DAC clock cycles
Digital Phase Adjust
12
DAC clock cycles
Digital Gain Adjust
12
DAC clock cycles
Power-Up Time
Dual A Only
Register 0x011 from 0x60 to 0x00
60
μs
Dual B Only
Register 0x011 from 0x18 to 0x00
60
μs
All DACs
Register 0x011 from 0x7C to 0x00
60
μs
1 PClock is the AD9144 internal processing clock and equals the lane rate ÷ 40.


Podobny numer części - AD9144BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9144BCPZRL AD-AD9144BCPZRL Datasheet
2Mb / 125P
   Digital-to-Analog Converter
More results

Podobny opis - AD9144BCPZRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9142A AD-AD9142A Datasheet
1Mb / 73P
   Multiple chip synchronization
logo
Billiton Ltd.
TP5600 ASIC-TP5600 Datasheet
1Mb / 21P
   SynchronIzatIon Switch SynchronIzatIon Switch 2 A
logo
Integrated Device Techn...
82P33914 IDT-82P33914 Datasheet
146Kb / 4P
   Synchronization System
logo
STMicroelectronics
STEVAL-CCA029V1 STMICROELECTRONICS-STEVAL-CCA029V1 Datasheet
334Kb / 4P
   External synchronization
logo
Systemsensor advanced i...
RRS-MOD SYSTEMSENSOR-RRS-MOD Datasheet
97Kb / 2P
   Synchronization Module
logo
STMicroelectronics
AN832 STMICROELECTRONICS-AN832 Datasheet
34Kb / 3P
   L4981A SYNCHRONIZATION
logo
Hotchip Technology Co.,...
PB0052E HOTCHIP-PB0052E Datasheet
1Mb / 8P
   SynchronIzatIon switch
logo
Maxim Integrated Produc...
MAX17509 MAXIM-MAX17509 Datasheet
623Kb / 24P
   External Frequency Synchronization
Rev 0; 2/15
logo
Renesas Technology Corp
8A34005 RENESAS-8A34005 Datasheet
2Mb / 95P
   Synchronization Management Unit
April 19, 2022
8A34004 RENESAS-8A34004 Datasheet
2Mb / 100P
   Synchronization Management Unit
February 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com