Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA2200ARUZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADA2200ARUZ-REEL7
Szczegółowy opis  Demodulates signal input bandwidths to 30 kHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADA2200ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 12Page - Analog Devices ADA2200ARUZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADA2200
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 7. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLKIN
System Clock Input.
2
SYNCO
Synchronization Signal Output.
3
CS/A0
Serial Interface Chip Select Input/Boot EEPROM Address 0 Input.
4
BOOT
Boot from EEPROM Control Input.
5
GND
Power Supply Ground.
6
INP
Noninverting Signal Input.
7
INN
Inverting Signal Input.
8
VOCM
Common-Mode Voltage Output.
9
RST
Reset Control Input.
10
OUTN
Inverting Output.
11
OUTP
Noninverting Output.
12
VDD
Positive Supply Input.
13
RCLK/SDO
Reference Clock Output/Serial Interface Data Output (in 4-Wire SPI Mode).
14
SDIO/SDA
Bidirectional Serial Data (Input Only in 4-Wire SPI Mode)/I2C Bidirectional Data.
15
SCLK/SCL
Serial Interface Clock Input/I2C Clock Output.
16
XOUT
Crystal Driver Output. Place a crystal between this pin and CLKIN, or leave this pin disconnected.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SYNCO
CS/A0
BOOT
INN
INP
GND
CLKIN
SCLK/SCL
SDIO/SDA
RCLK/SDO
OUTN
VOCM
RST
OUTP
VDD
XOUT
ADA2200
TOP VIEW
(Not to Scale)
Rev. 0 | Page 8 of 24


Podobny numer części - ADA2200ARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
   There are two evaluation boards available for the ADA2200
More results

Podobny opis - ADA2200ARUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
   Bandwidths up to 33 GHz
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1R MICROCRYSTAL-MS3V-T1R Datasheet
114Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS2V-T1S MICROCRYSTAL-MS2V-T1S Datasheet
116Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS1V-T1K MICROCRYSTAL-MS1V-T1K Datasheet
127Kb / 2P
   Tuning Fork Crystal 30 kHz - 200 kHz
MS3V-T1R MICROCRYSTAL-MS3V-T1R_18 Datasheet
745Kb / 2P
   Tuning Fork Crystal 30 kHz ??200 kHz
MS1V-T1K MICROCRYSTAL-MS1V-T1K_18 Datasheet
741Kb / 2P
   Tuning Fork Crystal 30 kHz ??200 kHz
logo
Analog Devices
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
   9 kHz to 30 GHz, Silicon, SP4T Switch
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
   30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
   Selectable 32- to 192-kHz input sample rates
February 2014 Rev 2
logo
RSG Electronic Componen...
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com