Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7866 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD7866
Szczegółowy opis  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7866 Arkusz danych(HTML) 2 Page - Analog Devices

  AD7866 Datasheet HTML 1Page - Analog Devices AD7866 Datasheet HTML 2Page - Analog Devices AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UG-739
ADA4571R-EBZ User Guide
TABLE OF CONTENTS
Features .............................................................................................. 1
Evaluation Kit Contents................................................................... 1
Additional Equipment Needed....................................................... 1
General Description ......................................................................... 1
Evaluation Board Connection Diagram........................................ 1
Revision History ............................................................................... 2
Getting Started .................................................................................. 3
Software Installation Procedures................................................ 3
Evaluation Board Hardware.............................................................4
Jumper Configuration ..................................................................4
DUT Outputs.................................................................................4
How to Use the Software ..................................................................5
Starting Up the Evaluation GUI..................................................5
Overview of the Main GUI Window..........................................6
Evaluation Board Schematics and Artwork................................ 12
Related Links................................................................................... 13
REVISION HISTORY
10/14—Revision 0: Initial Version
Rev. 0 | Page 2 of 13


Podobny numer części - AD7866

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

Podobny opis - AD7866

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com