Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM160N0BRZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADuM160N0BRZ
Szczegółowy opis  High common-mode transient immunity
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM160N0BRZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADuM160N0BRZ Datasheet HTML 5Page - Analog Devices ADuM160N0BRZ Datasheet HTML 6Page - Analog Devices ADuM160N0BRZ Datasheet HTML 7Page - Analog Devices ADuM160N0BRZ Datasheet HTML 8Page - Analog Devices ADuM160N0BRZ Datasheet HTML 9Page - Analog Devices ADuM160N0BRZ Datasheet HTML 10Page - Analog Devices ADuM160N0BRZ Datasheet HTML 11Page - Analog Devices ADuM160N0BRZ Datasheet HTML 12Page - Analog Devices ADuM160N0BRZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADuM160N/ADuM161N/ADuM162N/ADuM163N
Rev. 0 | Page 9 of 23
ELECTRICAL CHARACTERISTICS—1.8 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 1.8 V. Minimum/maximum specifications apply over the entire recommended
operation range: 1.7 V ≤ VDD1 ≤ 1.9 V, 1.7 V ≤ VDD2 ≤ 1.9 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 7.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within PWD limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
t
PHL, tPLH
5.8
8.7
15
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.7
5.0
ns
|t
PLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
t
PSK
7.0
ns
Between any two units at the same
temperature, voltage, and load
Channel Matching
Codirectional
t
PSKCD
0.7
5.0
ns
Opposing Direction
t
PSKOD
0.7
5.0
ns
Jitter
470
ps p-p
See the Jitter Measurement section
70
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
V
IH
0.7 × V
DDx
V
Logic Low
V
IL
0.3 × V
DDx
V
Output Voltage
Logic High
V
OH
V
DDx − 0.1
V
DDx
V
I
Ox
2 = −20 µA, V
Ix = VIxH
3
V
DDx − 0.4
V
DDx − 0.2
V
I
Ox
2 = −2 mA, V
Ix = VIxH
3
Logic Low
V
OL
0.0
0.1
V
I
Ox
2 = 20 µA, V
Ix = VIxL
4
0.2
0.4
V
I
Ox
2 = 2 mA, V
Ix = VIxL
4
Input Current per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDx
Quiescent Supply Current
ADuM160N
I
DD1 (Q)
2.0
3.2
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
3.0
4.0
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
18.7
27.4
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
3.3
4.6
mA
V
I
5 = 1 (N0), 0 (N1)6
ADuM161N
I
DD1 (Q)
2.1
3.4
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
2.9
3.9
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
15.5
24.3
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
6.8
10.8
mA
V
I
5 = 1 (N0), 0 (N1)6
ADuM162N
I
DD1 (Q)
2.4
3.6
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
2.7
3.9
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
13.7
22
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
10.1
16.3
mA
V
I
5 = 1 (N0), 0 (N1)6
ADuM163N
I
DD1 (Q)
2.6
4.03
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD2 (Q)
2.5
3.72
mA
V
I
5 = 0 (N0), 1 (N1)6
I
DD1 (Q)
11.3
18.3
mA
V
I
5 = 1 (N0), 0 (N1)6
I
DD2 (Q)
14
22
mA
V
I
5 = 1 (N0), 0 (N1)6
Dynamic Supply Current
Dynamic Input
I
DDI (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle
Dynamic Output
I
DDO (D)
0.01
mA/Mbps
Inputs switching, 50% duty cycle


Podobny numer części - ADuM160N0BRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM162N AD-ADUM162N Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
More results

Podobny opis - ADuM160N0BRZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
1Mb / 66P
   14-Bit GMSL Serializer with High-Immunity Mode
Rev 0; 2/16
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com