Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM161N0BRZ-RL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADuM161N0BRZ-RL7
Szczegółowy opis  High common-mode transient immunity
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM161N0BRZ-RL7 Arkusz danych(HTML) 1 Page - Analog Devices

  ADuM161N0BRZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM161N0BRZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
3.0 kV RMS, 6-Channel Digital Isolators
Data Sheet
ADuM160N/ADuM161N/ADuM162N/ADuM163N
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High common-mode transient immunity: 100 kV/µs
High robustness to radiated and conducted noise
Low propagation delay
13 ns maximum for 5 V operation
15 ns maximum for 1.8 V operation
150 Mbps maximum guaranteed data rate
Safety and regulatory approvals (pending)
UL recognition: 3000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
V
IORM = 565 V peak
CQC certification per GB4943.1-2011
Low dynamic power consumption
1.8 V to 5 V level translation
High temperature operation: 125°C
Fail-safe high or low options
16-lead, RoHS-compliant, narrow-body SOIC package
APPLICATIONS
General-purpose multichannel isolation
Serial peripheral interface (SPI)/data converter isolation
Industrial field bus isolation
GENERAL DESCRIPTION
The ADuM160N/ADuM161N/ADuM162N/ADuM163N1 are
6-channel digital isolators based on Analog Devices, Inc., iCoupler®
technology. Combining high speed, complementary metal-oxide
semiconductor (CMOS) and monolithic air core transformer
technology, these isolation components provide outstanding
performance characteristics superior to alternatives such as
optocoupler devices and other integrated couplers. The maxi-
mum propagation delay is 13 ns with a pulse width distortion of
less than 4.5 ns at 5 V operation. Channel to channel matching
of propagation delay is tight at 4.0 ns maximum.
The ADuM160N/ADuM161N/ADuM162N/ADuM163N data
channels are independent and are available in a variety of
configurations with a withstand voltage rating of 3.0 kV rms
(see the Ordering Guide). The devices operate with the supply
voltage on either side ranging from 1.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling
voltage translation functionality across the isolation barrier.
Unlike other optocoupler alternatives, dc correctness is ensured
in the absence of input logic transitions. Two different fail-safe
options are available by which the outputs transition to a predeter-
mined state when the input power supply is not applied.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. ADuM160N Functional Block Diagram
Figure 2.ADuM161N Functional Block Diagram
Figure 3. ADuM162N Functional Block Diagram
Figure 4. ADuM163N Functional Block Diagram
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
VIC
VID
VIE
VIF
VOA
VOB
VOC
VOD
VOE
VOF
GND1
VDD2
ADuM160N
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
VIC
VID
VIE
VOF
VOA
VOB
VOC
VOD
VOE
VIF
GND1
VDD2
ADuM161N
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DECODE
ENCODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
VIC
VID
VOE
VOF
VOA
VOB
VOC
VOD
VIE
VIF
GND1
VDD2
ADuM162N
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
VIA
VIB
VIC
VOD
VOE
VOF
VOA
VOB
VOC
VID
VIE
VIF
GND1
VDD2
ADuM163N
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Podobny numer części - ADuM161N0BRZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM162N AD-ADUM162N Datasheet
1Mb / 46P
   5-Port SPoE PSE Controller
Rev. 0
More results

Podobny opis - ADuM161N0BRZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
   High transient immunity
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
   4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
logo
Maxim Integrated Produc...
MAX96709 MAXIM-MAX96709 Datasheet
1Mb / 66P
   14-Bit GMSL Serializer with High-Immunity Mode
Rev 0; 2/16
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com