Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7223ACCZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADuM7223ACCZ
Szczegółowy opis  High-side or low-side relative to input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7223ACCZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADuM7223ACCZ Datasheet HTML 5Page - Analog Devices ADuM7223ACCZ Datasheet HTML 6Page - Analog Devices ADuM7223ACCZ Datasheet HTML 7Page - Analog Devices ADuM7223ACCZ Datasheet HTML 8Page - Analog Devices ADuM7223ACCZ Datasheet HTML 9Page - Analog Devices ADuM7223ACCZ Datasheet HTML 10Page - Analog Devices ADuM7223ACCZ Datasheet HTML 11Page - Analog Devices ADuM7223ACCZ Datasheet HTML 12Page - Analog Devices ADuM7223ACCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ADuM7223
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND1
Ground Reference for Input Logic Signals.
2
VIA
Logic Input A.
3
VIB
Logic Input B.
4, 6
NC
No Connect. Not internally connected.
5
DISABLE
Input Disable. Disables the isolator inputs and refresh circuits. Outputs take on default low state.
7
VDD1
Input Supply Voltage.
8
GNDB
Ground Reference for Output B.
9
VOB
Output B.
10
VDDB
Output B Supply Voltage.
11
GNDA
Ground Reference for Output A.
12
VOA
Output A.
13
VDDA
Output A Supply Voltage.
VIA
GND1
VIB
NC
DISABLE
NC = NO CONNECT. NOT INTERNALLY CONNECTED.
NC
ADuM7223
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
13
12
11
10
9
8
VDD1
VOA
VDDA
GNDA
VDDB
VOB
GNDB
Rev. A | Page 8 of 16


Podobny numer części - ADuM7223ACCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Podobny opis - ADuM7223ACCZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com