Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7223ACCZ-RL7 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADuM7223ACCZ-RL7
Szczegółowy opis  High-side or low-side relative to input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7223ACCZ-RL7 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADuM7223ACCZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM7223ACCZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADuM7223
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
THERMAL SHUTDOWN TEMPERATURES
JunctionTemperature Shutdown Rising Edge
TJR
150
°C
JunctionTemperature Shutdown Falling Edge
TJF
140
°C
SWITCHING SPECIFICATIONS
See Figure 16
Pulse Width2
PW
50
ns
CL = 2 nF, VDD2 = 12 V
Maximum Data Rate3
1
MHz
CL = 2 nF, VDD2 = 12 V
Propagation Delay4
tDHL, tDLH
25
44
64
ns
CL = 2 nF, VDD2 = 12 V
ADuM7223A
28
49
71
ns
CL = 2 nF, VDD2 = 4.5 V
Propagation Delay Skew5
tPSK
12
ns
CL = 2 nF, VDD2 = 12 V
Channel-to-Channel Matching6
VDD2 = 12 V
tPSKCD
1
8.5
ns
CL = 2 nF
VDD2 = 4.5 V
tPSKCD
1
8.5
ns
CL = 2 nF; A-Grade Only
Output Rise/Fall Time (10% to 90%)
tR/tF
1
12
24
ns
CL = 2 nF, VDD2 = 12 V
Dynamic Input Supply Current per Channel
IDDI (D)
0.05
mA/Mbps
VDD2 = 12 V
Dynamic Output Supply Current per Channel
IDDO (D)
1.65
mA/Mbps
VDD2 = 12 V
Refresh Rate
fr
1.1
Mbps
VDD2 = 12 V
1
Short-circuit duration less than 1 µs. Average power must conform to the limit shown under the Absolute Maximum Ratings.
2
The minimum pulse width is the shortest pulse width at which the specified timing parameter is guaranteed.
3
The maximum data rate is the fastest data rate at which the specified timing parameter is guaranteed.
4
tDLH propagation delay is measured from the time of the input rising logic high threshold, VIH, to the output rising 10% level of the VOx signal. tDHL propagation delay is
measured from the input falling logic low threshold, VIL, to the output falling 90% threshold of the VOx signal. See Figure 16 for waveforms of propagation delay
parameters.
5
tPSK is the magnitude of the worst-case difference in tDLH and/or tDHL that is measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions. See Figure 16 for waveforms of propagation delay parameters.
6
Channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation
barrier.
Rev. A | Page 5 of 16


Podobny numer części - ADuM7223ACCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Podobny opis - ADuM7223ACCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com