Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM7223CCCZ-RL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADuM7223CCCZ-RL7
Szczegółowy opis  High-side or low-side relative to input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM7223CCCZ-RL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADuM7223CCCZ-RL7 Datasheet HTML 1Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 2Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM7223CCCZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADuM7223
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All voltages are relative to their respective ground. 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 18 V, unless stated otherwise. All
minimum/maximum specifications apply over TJ = −40°C to +125°C. All typical specifications are at TA = 25°C, VDD1 = 5 V, VDD2 = 12 V.
Switching specifications are tested with CMOS signal levels.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Supply Current, Quiescent
IDDI(Q)
1.4
2.4
mA
Output Supply Current per Channel, Quiescent IDDO(Q)
2.3
3.5
mA
Supply Current at 1 MHz
VDD1 Supply Current
IDD1(Q)
1.6
2.5
mA
Up to 1 MHz, no load
VDDA/VDDB Supply Current
IDDA(Q), IDDB(Q)
5.6
8.0
mA
Up to 1 MHz, no load
Input Currents
IIA, IIB
−1
+0.01
+1
µA
0 V ≤ VIA, VIB ≤ VDD1
Logic High Input Threshold
VIH
0.7 × VDD1
V
Logic Low Input Threshold
VIL
0.3 × VDD1
V
Logic High Output Voltages
VOAH, VOBH
VDD2 − 0.1
VDD2
V
IOx = −20 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL
0.0
0.15
V
IOx = 20 mA, VIx = VIxL
Undervoltage Lockout, VDD1 Supply
Positive Going Threshold
VDD1UV+
2.8
V
Negative Going Threshold
VDD1UV−
2.6
V
Hysteresis
VDD1UVH
0.2
V
Undervoltage Lockout, VDD2 Supply
Positive Going Threshold
VDD2UV+
4.1
4.4
V
A-Grade
Negative Going Threshold
VDD2UV−
3.2
3.6
V
A-Grade
Hysteresis
VDD2UVH
0.5
V
A-Grade
Positive Going Threshold
VDD2UV+
6.9
7.4
V
B-Grade
Negative Going Threshold
VDD2UV−
5.7
6.2
V
B-Grade
Hysteresis
VDD2UVH
0.7
V
B-Grade
Positive Going Threshold
VDD2UV+
10.5
11.1
V
C-Grade
Negative Going Threshold
VDD2UV−
9.0
9.6
V
C-Grade
Hysteresis
VDD2UVH
0.9
V
C-Grade
Output Short-Circuit Pulsed Current1
IOA(SC),IOB(SC)
2.0
4.0
A
VDD2 = 12 V
Output Source Resistance
ROA, ROB
0.25
0.95
1.5
Ω
VDD2 = 12 V, IOx = −250 mA
Output Sink Resistance
ROA, ROB
0.55
0.6
1.35
Ω
VDD2 = 12 V, IOx = 250 mA
THERMAL SHUTDOWN TEMPERATURES
JunctionTemperature Shutdown Rising Edge
TJR
150
°C
JunctionTemperature Shutdown Falling Edge
TJF
140
°C
SWITCHING SPECIFICATIONS
See Figure 16
Pulse Width2
PW
50
ns
CL = 2 nF, VDD2 = 12 V
Maximum Data Rate3
1
MHz
CL = 2 nF, VDD2 = 12 V
Propagation Delay4
tDHL, tDLH
19
40
62
ns
CL = 2 nF, VDD2 = 12 V
ADuM7223A
25
46
68
ns
CL = 2 nF, VDD2 = 4.5 V
Propagation Delay Skew5
tPSK
12
ns
CL = 2 nF, VDD2 = 12 V
Rev. A | Page 3 of 16


Podobny numer części - ADuM7223CCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADUM7234 AD-ADUM7234 Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
   Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234BRZ AD-ADUM7234BRZ Datasheet
217Kb / 12P
   Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
More results

Podobny opis - ADuM7223CCCZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement
logo
ON Semiconductor
NCS199A1R ONSEMI-NCS199A1R Datasheet
523Kb / 15P
   Low- or High-Side Current Sensing
March, 2018 ??Rev. 1
NCS210R ONSEMI-NCS210R Datasheet
661Kb / 20P
   Low- or High-Side Current Sensing
July, 2018 ??Rev. 7
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Micrel Semiconductor
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5016 MICREL-MIC5016_02 Datasheet
85Kb / 12P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com