Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL354 Arkusz danych(PDF) 38 Page - Analog Devices

Numer części ADXL354
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL354 Arkusz danych(HTML) 38 Page - Analog Devices

Back Button ADXL354 Datasheet HTML 34Page - Analog Devices ADXL354 Datasheet HTML 35Page - Analog Devices ADXL354 Datasheet HTML 36Page - Analog Devices ADXL354 Datasheet HTML 37Page - Analog Devices ADXL354 Datasheet HTML 38Page - Analog Devices ADXL354 Datasheet HTML 39Page - Analog Devices ADXL354 Datasheet HTML 40Page - Analog Devices ADXL354 Datasheet HTML 41Page - Analog Devices ADXL354 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 38 of 42
DATA SYNCHRONIZATION
Address: 0x2B, Reset: 0x00, Name: Sync
Use this register to control the external timing triggers.
Table 46. Bit Descriptions for Sync
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
Reserved
Reserved.
0x0
R
2
EXT_CLK
Enable external clock.
0x0
R/W
[1:0]
EXT_SYNC
Enable external sync control.
0x0
R/W
00
Internal sync.
01
External sync, no interpolation filter. After synchronization, and for EXT_SYNC within
specification, DATA_RDY occurs on EXT_SYNC.
10
External sync, interpolation filter, next available data indicated by DATA_RDY 14 to
8204 oscillator cycles later (longer delay for higher ODR_LPF setting), data represents
a sample point group delay earlier in time.
11
Reserved.
I2C SPEED, INTERRUPT POLARITY, AND RANGE REGISTER
Address: 0x2C, Reset: 0x81, Name: Range
Table 47. Bit Descriptions for Range
Bits
Bit Name
Settings
Description
Reset
Access
7
I2C_HS
I2C speed.
0x1
R/W
1 = high speed mode.
0 = fast mode.
6
INT_POL
Interrupt polarity.
0x0
R/W
0
INT1 and INT2 are active low.
1
INT1 and INT2 are active high.
[5:2]
Reserved
Reserved.
0x0
R
[1:0]
Range
Range.
0x1
R/W
01
±2 g.
10
±4 g.
11
±8 g.
POWER CONTROL REGISTER
Address: 0x2D, Reset: 0x01, Name: POWER_CTL
Table 48. Bit Descriptions for POWER_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
Reserved
Reserved.
0x0
R
2
DRDY_OFF
Set to 1 to force the DRDY output to 0 in modes where it is normally signal data ready.
0x0
R/W
1
TEMP_OFF
Set to 1 to disable temperature processing. Temperature processing is also disabled
when STANDBY = 1.
0x0
R/W
0
STANDBY
Standby or measurement mode.
0x1
R/W
1
Standby mode. In standby mode, the device is in a low power state, and the
temperature and acceleration datapaths are not operating. In addition, digital
functions, including FIFO pointers, reset. Changes to the configuration setting of the
device must be made when STANDBY = 1. An exception is a high-pass filter that can
be changed when the device is operating.
0
Measurement mode.


Podobny numer części - ADXL354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL354

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com