Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL355 Arkusz danych(PDF) 34 Page - Analog Devices

Numer części ADXL355
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL355 Arkusz danych(HTML) 34 Page - Analog Devices

Back Button ADXL355 Datasheet HTML 30Page - Analog Devices ADXL355 Datasheet HTML 31Page - Analog Devices ADXL355 Datasheet HTML 32Page - Analog Devices ADXL355 Datasheet HTML 33Page - Analog Devices ADXL355 Datasheet HTML 34Page - Analog Devices ADXL355 Datasheet HTML 35Page - Analog Devices ADXL355 Datasheet HTML 36Page - Analog Devices ADXL355 Datasheet HTML 37Page - Analog Devices ADXL355 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 34 of 42
Y-AXIS DATA REGISTERS
These three registers contain the y-axis acceleration data. Data is left justified and formatted as twos complement.
Address: 0x0B, Reset: 0x00, Name: YDATA3
Table 26. Bit Descriptions for YDATA3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
YDATA, Bits[19:12]
Y-axis data
0x0
R
Address: 0x0C, Reset: 0x00, Name: YDATA2
Table 27. Bit Descriptions for YDATA2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
YDATA, Bits[11:4]
Y-axis data
0x0
R
Address: 0x0D, Reset: 0x00, Name: YDATA1
Table 28. Bit Descriptions for YDATA1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
YDATA, Bits[3:0]
Y-axis data
0x0
R
[3:0]
Reserved
Reserved
0x0
R
Z-AXIS DATA REGISTERS
These three registers contain the z-axis acceleration data. Data is left justified and formatted as twos complement.
Address: 0x0E, Reset: 0x00, Name: ZDATA3
Table 29. Bit Descriptions for ZDATA3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ZDATA, Bits[19:12]
Z-axis data
0x0
R
Address: 0x0F, Reset: 0x00, Name: ZDATA2
Table 30. Bit Descriptions for ZDATA2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ZDATA, Bits[11:4]
Z-axis data
0x0
R
Address: 0x10, Reset: 0x00, Name: ZDATA1
Table 31. Bit Descriptions for ZDATA1
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
ZDATA, Bits[3:0]
Z-axis data
0x0
R
[3:0]
Reserved
Reserved
0x0
R


Podobny numer części - ADXL355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL355

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com