Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL354BEZ Arkusz danych(PDF) 25 Page - Analog Devices

Numer części ADXL354BEZ
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL354BEZ Arkusz danych(HTML) 25 Page - Analog Devices

Back Button ADXL354BEZ Datasheet HTML 21Page - Analog Devices ADXL354BEZ Datasheet HTML 22Page - Analog Devices ADXL354BEZ Datasheet HTML 23Page - Analog Devices ADXL354BEZ Datasheet HTML 24Page - Analog Devices ADXL354BEZ Datasheet HTML 25Page - Analog Devices ADXL354BEZ Datasheet HTML 26Page - Analog Devices ADXL354BEZ Datasheet HTML 27Page - Analog Devices ADXL354BEZ Datasheet HTML 28Page - Analog Devices ADXL354BEZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 25 of 42
SERIAL COMMUNICATIONS
The 4-wire serial interface communicates in either the SPI or
I2C protocol. It affectively autodetects the format being used,
requiring no configuration control to select the format.
SPI PROTOCOL
Wire the ADXL355 for SPI communication as shown in the
connection diagram in Figure 63. The SPI protocol timing is
shown in Figure 64 to Figure 67. The timing scheme follows the
clock polarity (CPOL) = 0 and clock phase (CPHA) = 0. The
SPI clock speed ranges from 100 kHz to 10 MHz.
PROCESSOR
CS
MOSI
MISO
SCLK
DOUT
DOUT
DIN
DOUT
ADXL355
Figure 63. 4-Wire SPI Connection
RW
A6
A5
A4
A3
A2
A1
A0
12
345
678
9
10
11
12
13
14
15
16
CS
SCLK
MOSI
MISO
D7
D6
D5
D4
D3
D2
D1
D0
Figure 64. SPI Timing Diagram—Single-Byte Read
D7
D6
D5
D4
D3
D2
D1
D0
1
23
456
789
10
11
12
13
14
15
16
SCLK
MOSI
MISO
RW
A6
A5
A4
A3
A2
A1
A0
CS
Figure 65. SPI Timing Diagram—Single-Byte Write
10
11
12
13
14
15
16
17
12
34
56
78
9
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D0
D7
BYTE 1
BYTE n
RW
A6
A5
A4
A3
A2
A1
A0
SCLK
MOSI
MISO
CS
Figure 66. SPI Timing Diagram—Multibyte Read
10
11
12
13
14
15
16
17
BYTE 1
BYTE n
1
2345
6789
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D0
D7
RW
A6
A5
A4
A3
A2
A1
A0
SCLK
MOSI
MISO
CS
Figure 67. SPI Timing Diagram—Multibyte Write


Podobny numer części - ADXL354BEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL354BEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com