Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL354CEZ-RL Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADXL354CEZ-RL
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 8 of 42
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Acceleration (Any Axis, 0.1 ms)
Unpowered
5,000 g
VSUPPLY, VDDIO
5.4 V
V1P8ANA, V1P8DIG Configured as Inputs
1.98 V
ADXL354
Digital Inputs (RANGE, ST1, ST2, STBY)
−0.3 V to VDDIO + 0.3 V
Analog Outputs (XOUT, YOUT, ZOUT, TEMP)
−0.3 V to V1P8ANA + 0.3 V
ADXL355
Digital Pins (CS, SCLK, MOSI, MISO,
INT1, INT2, DRDY)
−0.3 V to VDDIO + 0.3 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−55°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 6. Thermal Resistance
Package Type
θJA
Unit
E-14-11
42
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with four thermal vias. See JEDEC JESD51.
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl