Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL355BEZ Arkusz danych(PDF) 35 Page - Analog Devices

Numer części ADXL355BEZ
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL355BEZ Arkusz danych(HTML) 35 Page - Analog Devices

Back Button ADXL355BEZ Datasheet HTML 31Page - Analog Devices ADXL355BEZ Datasheet HTML 32Page - Analog Devices ADXL355BEZ Datasheet HTML 33Page - Analog Devices ADXL355BEZ Datasheet HTML 34Page - Analog Devices ADXL355BEZ Datasheet HTML 35Page - Analog Devices ADXL355BEZ Datasheet HTML 36Page - Analog Devices ADXL355BEZ Datasheet HTML 37Page - Analog Devices ADXL355BEZ Datasheet HTML 38Page - Analog Devices ADXL355BEZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 35 of 42
FIFO ACCESS REGISTER
Address: 0x11, Reset: 0x00, Name: FIFO_DATA
Read this register to access data stored in the FIFO.
Table 32. Bit Descriptions for FIFO_DATA
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FIFO_DATA
FIFO data is formatted to 24 bits, 3 bytes, most significant byte first. A read to this
address pops an effective three equal byte words of axis data from the FIFO. Two
subsequent reads or a multibyte read completes the transaction of this data onto the
interface. Continued reading or a sustained multibyte read of this field continues to
pop the FIFO every third byte. Multibyte reads to this address do not increment the
address pointer. If this address is read due to an autoincrement from the previous
address, it does not pop the FIFO. Instead, it returns zeros and increments on to the
next address.
0x0
R
X-AXIS OFFSET TRIM REGISTERS
Address: 0x1E, Reset: 0x00, Name: OFFSET_X_H
Table 33. Bit Descriptions for OFFSET_X_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_X,
Bits[15:8]
Offset added to x-axis data after all other signal processing. Data is in twos complement
format. The significance of OFFSET_X[15:0] matches the significance of XDATA[19:4].
0x0
R/W
Address: 0x1F, Reset: 0x00, Name: OFFSET_X_L
Table 34. Bit Descriptions for OFFSET_X_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_X,
Bits[7:0]
Offset added to x-axis data after all other signal processing. Data is in twos complement
format. The significance of OFFSET_X[15:0] matches the significance of XDATA[19:4].
0x0
R/W
Y-AXIS OFFSET TRIM REGISTERS
Address: 0x20, Reset: 0x00, Name: OFFSET_Y_H
Table 35. Bit Descriptions for OFFSET_Y_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_Y,
Bits[15:8]
Offset added to y-axis data after all other signal processing. Data is in twos complement
format. The significance of OFFSET_Y[15:0] matches the significance of YDATA[19:4].
0x0
R/W
Address: 0x21, Reset: 0x00, Name: OFFSET_Y_L
Table 36. Bit Descriptions for OFFSET_Y_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
OFFSET_Y,
Bits[7:0]
Offset added to y-axis data after all other signal processing. Data is in twos complement
format. The significance of OFFSET_Y[15:0] matches the significance of YDATA[19:4].
0x0
R/W


Podobny numer części - ADXL355BEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL355BEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com