Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL355BEZ Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADXL355BEZ
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 6 of 42
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
AC INPUT LEVELS
SCLK Frequency
0.1
10
MHz
SCLK High Time
tHIGH
40
ns
SCLK Low Time
tLOW
40
ns
CS Setup Time
tCSS
20
ns
CS Hold Time
tCSH
20
ns
CS Disable Time
tCSD
40
ns
Rising SCLK Setup Time
tSCLKS
20
ns
MOSI Setup Time
tSU
20
ns
MOSI Hold Time
tHD
20
ns
AC OUTPUT LEVELS
Propagation Delay
tP
CLOAD = 30 pF
30
ns
Enable MISO Time
tEN
30
ns
Disable MISO Time
tDIS
20
ns
tSU
tCSS
tLOW
tHIGH
tCSD
tCSH
tSCLKS
tEN
tP
tDIS
CS
SCLK
MISO
MOSI
tHD
Figure 3. SPI Interface Timing Diagram
I2C DIGITAL INTERFACE CHARACTERISTICS FOR THE ADXL355
Note that multifunction pin names may be referenced by their relevant function only.
Table 4.
Test Conditions/
I2C_HS = 0 (Fast Mode)
I2C_HS = 1 (High Speed Mode)
Parameter
Symbol
Comments
Min
Typ
Max
Min
Typ
Max
Unit
DC INPUT LEVELS
Input Voltage
Low Level
VIL
0.3 × VDDIO
0.3 × VDDIO
V
High Level
VIH
0.7 × VDDIO
0.7 × VDDIO
V
Hysteresis of Schmitt
Trigger Inputs
VHYS
0.05 × VDDIO
0.1 × VDDIO
μA
Input Current
IIL
0.1 × VDDIO < VIN <
0.9 × VDDIO
−10
+10
μA
DC OUTPUT LEVELS
Output Voltage
IOL = 3 mA
Low Level
VOL1
VDD > 2 V
0.4
V
VOL2
VDD ≤ 2 V
0.2 × VDDIO
V
Output Current
Low Level
IOL
VOL = 0.4 V
20
mA
VOL = 0.6 V
6
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl