Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL355BEZ-RL Datasheet(Arkusz danych) 5 Page - Analog Devices

Numer części ADXL355BEZ-RL
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 5 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 5 of 42
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SELF TEST
Output Change
X-Axis
0.3
g
Y-Axis
0.3
g
Z-Axis
1.5
g
POWER SUPPLY
Voltage Range
VSUPPLY Operating4
2.25
2.5
3.6
V
VDDIO
V1P8DIG
2.5
3.6
V
V1P8ANA and V1P8DIG with Internal LDO Bypassed
VSUPPLY = 0 V
1.62
1.8
1.98
V
Current
Measurement Mode
VSUPPLY (LDO Enabled)
200
µA
V1P8ANA (LDO Disabled)
160
µA
V1P8DIG (LDO Disabled)
35.5
µA
Standby Mode
VSUPPLY (LDO Enabled)
21
µA
V1P8ANA (LDO Disabled)
7
µA
V1P8DIG (LDO Disabled)
10
µA
Turn On Time5
2 g range
<10
ms
Power-off to standby
<10
ms
TEMPERATURE SENSOR
Output at 25°C
1852
LSB
Scale Factor
−9.05
LSB/°C
TEMPERATURE
Operating Temperature Range
−40
+125
°C
1
The temperature change is −40°C to +25°C or +25°C to +125°C.
2
Repeatability is predicted for a 10 year life and includes shifts due to the HTOL (TA = 150°C, VSUPPLY = 3.6 V, and 1000 hours), temperature cycling (−55°C to +125°C and
1000 cycles), velocity random walk, broadband noise, and temperature hysteresis.
3
The VRE measurement is the shift in dc offset while the device is subject to 2.5 g rms random vibration from 50 Hz to 2 kHz. The DUT is configured for the ±2 g range
and an output data rate of 4 kHz. The VRE scales with the range setting.
4
When V1P8ANA and V1P8DIG are generated internally, VSUPPLY is valid. To disable the LDO and drive V1P8ANA and V1P8DIG externally, connect VSUPPLY to VSS.
5
Standby to measurement mode; valid when the output is within 1 mg of final value.
SPI DIGITAL INTERFACE CHARACTERISTICS FOR THE ADXL355
Note that multifunction pin names may be referenced by their relevant function only.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DC INPUT LEVELS
Input Voltage
Low Level
VIL
0.3 × VDDIO
V
High Level
VIH
0.7 × VDDIO
V
Input Current
Low Level
IIL
VIN = 0 V
−0.1
µA
High Level
IIH
VIN = VDDIO
0.1
µA
DC OUTPUT LEVELS
Output Voltage
Low Level
VOL
IOL = IOL, MIN
0.2 × VDDIO
V
High Level
VOH
IOH = IOH, MAX
0.8 × VDDIO
V
Output Current
Low Level
IOL
VOL = VOL, MAX
−10
mA
High Level
IOH
VOH = VOH, MIN
4
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl