Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL355BEZ-RL Datasheet(Arkusz danych) 9 Page - Analog Devices

Numer części ADXL355BEZ-RL
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 9 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 9 of 42
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADXL354
TOP VIEW
(Not to Scale)
VSUPPLY
V1P8ANA
VSS
V1P8DIG
RANGE
ST1
ST2
TEMP
11
10
9
8
1
2
3
4
X
Z
Y
Figure 5. ADXL354 Pin Configuration
Table 7. ADXL354 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RANGE
Range Selection Pin. Set this pin to ground to select the ±2 g range, or set this pin to VDDIO to select the ±4 g
or ±8 g range. This pin is model dependent (see the Ordering Guide section).
2
ST1
Self Test Pin 1. This pin enables self test mode.
3
ST2
Self Test Pin 2. This pin activates the electromechanical self test actuation.
4
TEMP
Temperature Sensor Output.
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
STBY
Standby or Measurement Mode Selection Pin. Set this pin to ground to enter standby mode, or set this pin
to VDDIO to enter measurement mode.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDOs to generate V1P8DIG and
V1P8ANA. For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
XOUT
X-Axis Output.
13
YOUT
Y-Axis Output.
14
ZOUT
Z-Axis Output.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl