Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL355BEZ-RL7 Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXL355BEZ-RL7
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 3 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 3 of 42
SPECIFICATIONS
ANALOG OUTPUT FOR THE ADXL354
TA = 25°C, VSUPPLY = 3.3 V, x-axis acceleration and y-axis acceleration = 0 g, and z-axis acceleration = 1 g, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Output Full-Scale Range (FSR)
ADXL354B, supports two ranges
±2/±4
g
ADXL354C, supports two ranges
±2/±8
g
Resonant Frequency1
2.4
kHz
Nonlinearity
±2 g
0.1
%
Cross Axis Sensitivity
1
%
SENSITIVITY
Ratiometric to V1P8ANA
Sensitivity at XOUT, YOUT, ZOUT
±2 g
368
400
432
mV/g
±4 g
184
200
216
mV/g
±8 g
92
100
108
mV/g
Sensitivity Change due to Temperature
−40°C to +125°C
±0.01
%/°C
0 g OFFSET
Each axis, ±2 g
0 g Output for XOUT, YOUT, ZOUT
Referred to V1P8ANA/2
−75
±25
+75
mg
0 g Offset vs. Temperature (X-Axis, Y-Axis, and Z-Axis)2
−40°C to +125°C
−0.15
±0.1
+0.15
mg/°C
Repeatability3
X-axis and y-axis
±3.5
mg
Z-axis
±9
mg
Vibration Rectification Error (VRE)4
±2 g range, in a 1 g orientation,
offset due to 2.5 g rms vibration
<0.4
g
NOISE DENSITY
±2 g
X-Axis, Y-Axis, and Z-Axis
20
µg/√Hz
Velocity Random Walk
X-axis and y-axis
9
µm/sec/√Hr
Z-axis
13
µm/sec/√Hr
BANDWIDTH
Internal Low-Pass Filter Frequency
Fixed frequency, 50% response
attenuation
1500
Hz
SELF TEST
Output Change
X-Axis
0.3
g
Y-Axis
0.3
g
Z-Axis
1.5
g
POWER SUPPLY
Voltage Range
VSUPPLY5
2.25
2.5
3.6
V
VDDIO
V1P8DIG
2.5
3.6
V
V1P8ANA, V1P8DIG with Internal Low Dropout
Regulator (LDO) Bypassed
VSUPPLY = 0 V
1.62
1.8
1.98
V
Current
Measurement Mode
VSUPPLY (LDO Enabled)
150
µA
V1P8ANA (LDO Disabled)
138
µA
V1P8DIG (LDO Disabled)
12
µA
Standby Mode
VSUPPLY (LDO Enabled)
21
µA
V1P8ANA (LDO Disabled)
7
µA
V1P8DIG (LDO Disabled)
10
µA
Turn On Time6
2 g range
<10
ms
Power-off to standby
<10
ms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl