Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL355BEZ-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADXL355BEZ-RL7
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL355BEZ-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADXL355BEZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 7 of 42
Test Conditions/
I2C_HS = 0 (Fast Mode)
I2C_HS = 1 (High Speed Mode)
Parameter
Symbol
Comments
Min
Typ
Max
Min
Typ
Max
Unit
AC INPUT LEVELS
SCLK Frequency
0
1
0
3.4
MHz
SCL High Time
tHIGH
260
60
ns
SCL Low Time
tLOW
500
160
ns
Start Setup Time
tSUSTA
260
160
ns
Start Hold Time
tHDSTA
260
160
ns
SDA Setup Time
tSUDAT
50
10
ns
SDA Hold Time
tHDDAT
0
0
ns
Stop Setup Time
tSUSTO
260
160
ns
Bus Free Time
tBUF
500
ns
SCL Input Rise Time
tRCL
120
80
ns
SCL Input Fall Time
tFCL
120
80
ns
SDA Input Rise Time
tRDA
120
160
ns
SDA Input Fall Time
tFDA
120
160
ns
Width of Spikes to
Suppress
tSP
Not shown in Figure 4
50
10
ns
AC OUTPUT LEVELS
Propagation Delay
CLOAD = 500 pF
Data
tVDDAT
97
450
27
135
ns
Acknowledge
tVDACK
450
ns
Output Fall Time
tF
Not shown in Figure 4
20 × (VDD/5.5)
120
ns
tSUDAT
tHDDAT
tHDSTA
tLOW
tHIGH
tBUF
tSUSTO
tSUSTA
tVDACK
SDA
SCL
tRCL
tFCL
tFDA
tRDA
tSUSTA
tVDDAT
tVDDAT
Figure 4. I2C Interface Timing Diagram


Podobny numer części - ADXL355BEZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL355BEZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com