Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL355BEZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADXL355BEZ-RL7
Szczegółowy opis  Hermetic package offers excellent long-term stability
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL355BEZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADXL355BEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 12Page - Analog Devices ADXL355BEZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Data Sheet
ADXL354/ADXL355
Rev. 0 | Page 9 of 42
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADXL354
TOP VIEW
(Not to Scale)
VSUPPLY
V1P8ANA
VSS
V1P8DIG
RANGE
ST1
ST2
TEMP
11
10
9
8
1
2
3
4
X
Z
Y
Figure 5. ADXL354 Pin Configuration
Table 7. ADXL354 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RANGE
Range Selection Pin. Set this pin to ground to select the ±2 g range, or set this pin to VDDIO to select the ±4 g
or ±8 g range. This pin is model dependent (see the Ordering Guide section).
2
ST1
Self Test Pin 1. This pin enables self test mode.
3
ST2
Self Test Pin 2. This pin activates the electromechanical self test actuation.
4
TEMP
Temperature Sensor Output.
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
STBY
Standby or Measurement Mode Selection Pin. Set this pin to ground to enter standby mode, or set this pin
to VDDIO to enter measurement mode.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDOs to generate V1P8DIG and
V1P8ANA. For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
XOUT
X-Axis Output.
13
YOUT
Y-Axis Output.
14
ZOUT
Z-Axis Output.


Podobny numer części - ADXL355BEZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results

Podobny opis - ADXL355BEZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com