Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL355BEZ-RL7 Datasheet(Arkusz danych) 10 Page - Analog Devices

Numer części ADXL355BEZ-RL7
Szczegółowy opis  Hermetic package offers excellent long-term stability
Pobierz  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 10 page
background image
ADXL354/ADXL355
Data Sheet
Rev. 0 | Page 10 of 42
ADXL355
TOP VIEW
(Not to Scale)
VSUPPLY
X
Z
Y
V1P8ANA
VSS
V1P8DIG
CS/SCL
SCLK/VSSIO
MOSI/SDA
MISO/ASEL
11
10
9
8
1
2
3
4
Figure 6. ADXL355 Pin Configuration
Table 8. ADXL355 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CS/SCL
Chip Select for SPI (CS).
Serial Communications Clock for I2C (SCL).
2
SCLK/VSSIO
Serial Communications Clock for SPI (SCLK).
Connect to VSSIO for I2C (VSSIO).
3
MOSI/SDA
Master Output, Slave Input for SPI (MOSI).
Serial Data for I2C (SDA).
4
MISO/ASEL
Master Input, Slave Output for SPI (MISO).
Alternate I2C Address Select for I2C (ASEL).
5
VDDIO
Digital Interface Supply Voltage.
6
VSSIO
Digital Ground.
7
RESERVED
Reserved. This pin can be connected to ground or left open.
8
V1P8DIG
Digital Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
9
VSS
Analog Ground.
10
V1P8ANA
Analog Supply. This pin requires a decoupling capacitor. If VSUPPLY connects to VSS, supply the voltage to this
pin externally.
11
VSUPPLY
Supply Voltage. When VSUPPLY equals 2.25 V to 3.6 V, VSUPPLY enables the internal LDOs to generate V1P8DIG and
V1P8ANA. For VSUPPLY = VSS, V1P8DIG and V1P8ANA are externally supplied.
12
INT1
Interrupt Pin 1.
13
INT2
Interrupt Pin 2.
14
DRDY
Data Ready Pin.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl