Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADuM1280 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADuM1280
Szczegółowy opis  Devices Connected
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADuM1280 Arkusz danych(HTML) 6 Page - Analog Devices

  ADuM1280 Datasheet HTML 1Page - Analog Devices ADuM1280 Datasheet HTML 2Page - Analog Devices ADuM1280 Datasheet HTML 3Page - Analog Devices ADuM1280 Datasheet HTML 4Page - Analog Devices ADuM1280 Datasheet HTML 5Page - Analog Devices ADuM1280 Datasheet HTML 6Page - Analog Devices ADuM1280 Datasheet HTML 7Page - Analog Devices ADuM1280 Datasheet HTML 8Page - Analog Devices ADuM1280 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CN-0287
Circuit Note
Rev. C | Page 6 of 9
Thermocouple Measurement Linearity
Figure 7 shows the approximate linearity of the type K
thermocouple system. The “cold junction” temperature is
0°C in this plot.
Figure 7. Type K Thermocouple Temperature vs. Output Voltage with 0°C
Cold-Junction
The precision voltage for calibration as well as testing is
provided by the Fluke 5700A Calibrator high precision dc
voltage source with a resolution of 10 nV. The voltage error in
Figure 8 is within 0.2 µV of ideal, corresponding to about
0.004°C. This result is the short time accuracy result just after a
system calibration at 25°C without the effects of temperature
drift.The dominant error for this circuit is from the cold-
junction compensation measurement. In this circuit the
ADT7310 is used for cold-junction compensation and has a
typical error of −0.05°C, and a worst case error of ±0.8°C over
the −40°C to +105°C temperature range for a 5 V supply. The
device has a ±0.4°C maximum error over this temperature
range if a 3 V supply is used.
Figure 8. Error of CN-0287 Configured for Type K Thermocouple (VDD = 5 V,
VREF = 4.096 V, Differential Input, Bipolar, Input Buffer Enable, Output Data
Rate = 50 Hz, Gain = 32, Chop Enable. 60 Hz Rejection Enable, Sinc4)
RTD Configuration Test Results
For a Pt100 RTD, the default ADC gain setting is G = 8, and for
a Pt1000 RTD the default gain setting is G = 1. The reference
voltage to the ADC is equal to the voltage across the 4.02 kΩ
reference resistor. The temperature coefficient of a Pt100 RTD is
approximately 0.385 Ω/°C, and at +850°C the resistance can be
as high as 400 Ω. With a 400 µA default excitation current, the
maximum RTD voltage is therefore about 160 mV. The reference
voltage to the ADC is 4.02 kΩ × 400 µA = 1.608 V. For G = 8,
the maximum RTD voltage is 160 mV × 8 = 1.28 V which is
approximately 80% of the available range.
For a Pt1000 RTD, the maximum resistance at +850°C is
approximately 4000 Ω. The default excitation current is 380 µA,
yielding a maximum RTD voltage of 1.52 V. The reference voltage
to the ADC is 4.02 kΩ × 380 µA = 1.53 V. A default gain setting
of G = 1 is used, and the maximum RTD voltage utilizes nearly
all of the available range.
The general expression for the RTD resistance, R, in terms of
the ADC code (Code), resolution (N), reference resistor (RREF),
and gain (G) is given by:


=
G
R
Code
R
REF
N
2
(7)
The leakage current from TVS, diodes, clamping diodes, and
ADC are the largest sources of errors in the RTD measurement
circuit, even though nanoamp devices were selected for the design.
The total leakage current for each of the inputs is 9 nA (3 nA from
AD7193, buffer on), 5 nA from clamping diode and 1 nA from
the TVS diode). All four channels will thus generate 36 nA
maximum leakage current. The feedback loop in Figure 2 maintains
a constant current through the reference resistor. This means
that leakage currents affect the RTD excitation current, thereby
producing an error. The default exciting current is 400 µA for
Pt100 and 380 µA for Pt1000. The approximate worst case system
error due to the leakage currents for Pt100 RTDs is:
reading
of
Error(%)
%
01
.
0
100
μA
400
nA
6
3
×
=
(8)
For a Pt100 with measurable range from −200°C to +850°C, this
corresponds to a system accuracy of approximately
C
1
.
0
0001
.
0
C
/
385
.
0
400
(
×
=
)
C
Accuracy
(9)
The amount of the error depends on the configuration of the
input terminals. After an input configuration is established, a
room temperature calibration can reduce the error even further.
An experiment was conducted to show the effects of leakage
current. Each channel was first configured as a 4-W RTD. A
100 Ω fixed resistor was connected to Channel 1 in the RTD
position. Zero ohm resistors were connected to the inputs of the
other three channels.
60
50
–500
0
500
TEMPERATURE (°C)
1000
1500
40
30
20
10
0
–10
0.20
0.15
0.05
1
6
11
16
21
26
31
36
41
46
51
INPUT VOLTAGE (mV)
0.10
0


Podobny numer części - ADuM1280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280 AD-ADUM1280 Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280ARZ AD-ADUM1280ARZ Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM1280ARZ AD-ADUM1280ARZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280ARZ-RL7 AD-ADUM1280ARZ-RL7 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
More results

Podobny opis - ADuM1280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0269 AD-CN0269 Datasheet
1Mb / 12P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com