Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4807-2 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADA4807-2
Szczegółowy opis  Devices Connected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4807-2 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADA4807-2 Datasheet HTML 4Page - Analog Devices ADA4807-2 Datasheet HTML 5Page - Analog Devices ADA4807-2 Datasheet HTML 6Page - Analog Devices ADA4807-2 Datasheet HTML 7Page - Analog Devices ADA4807-2 Datasheet HTML 8Page - Analog Devices ADA4807-2 Datasheet HTML 9Page - Analog Devices ADA4807-2 Datasheet HTML 10Page - Analog Devices ADA4807-2 Datasheet HTML 11Page - Analog Devices ADA4807-2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CN-0385
Circuit Note
Rev. 0 | Page 8 of 13
Table 5 shows the gain error measured for each of the gain
configurations for the circuit in Figure 1. The %FS error was
found using the analysis methods described previously, and the
actual gain in V/V was calculated by subtracting this error from
the ideal gain.
Table 5. Gain Error Measurements for all Gain Configurations
Gain
Gain Error (%FS)
0.4
0.02
0.8
0.02
1.6
0.03
3.2
0.02
Performance Results Without Channel Switching
Figure 10, Figure 11, Figure 12, and Figure 13 show the fast
Fourier transform (FFT) plots for a 10 kHz, full-scale, sine wave
input on a single channel for gain configurations of 0.4, 0.8, 1.6,
and 3.2, respectively. Table 6 shows the SNR and rms noise
measured for each of the gain configurations.
Table 6. SNR, Noise, and THD vs. Gain for 10 kHz Input
Gain
SNR (dB)
RMS Noise (µV rms)
THD (dB)
0.4
93.9
55.2
−99.2
0.8
92.8
62.6
−98.5
1.6
90.6
80.7
−97.0
3.2
88.0
108.9
−94.6
The input signal was supplied by an Audio Precision SYS-2700
series signal generator, with the board set in differential input
mode. Figure 14 shows total harmonic distortion (THD)
measurements vs. the frequency of the input signal for each
gain configuration.
Figure 10. FFT for 10 kHz, 20 V p-p Input for Gain = 0.4 on Single,
Static Channel
Figure 11. FFT for 10 kHz, 10 V p-p Input for Gain = 0.8 on Single,
Static Channel
Figure 12. FFT for 10 kHz, 5 V p-p Input for Gain = 1.6 on Single,
Static Channel
Figure 13. FFT for 10 kHz, 2.5 V p-p Input for Gain = 3.2 on Single,
Static Channel
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750
FREQUENCY (kHz)
fS = 1.5MSPS
fIN = 10kHz
SNR = 92.52dB
THD = –93.96dB
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750
FREQUENCY (kHz)
fS = 1.5MSPS
fIN = 10kHz
SNR = 91.48dB
THD = –94.35dB
SINAD = 89.67dB
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750
FREQUENCY (kHz)
fS = 1.5MSPS
fIN = 10kHz
SNR = 90.25dB
THD = –94.12dB
SINAD = 88.76dB
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
50 100 150 200 250 300 350 400 450 500 550 600 650 700 750
FREQUENCY (kHz)
fS = 1.5MSPS
fIN = 10kHz
SNR = 87.77dB
THD = –93.27dB
SINAD = 86.69dB


Podobny numer części - ADA4807-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4807-2 AD-ADA4807-2 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-EBZ AD-ADA4807-2ACPZ-EBZ Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-R2 AD-ADA4807-2ACPZ-R2 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ACPZ-R7 AD-ADA4807-2ACPZ-R7 Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
ADA4807-2ARMZ AD-ADA4807-2ARMZ Datasheet
748Kb / 33P
   3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
More results

Podobny opis - ADA4807-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0269 AD-CN0269 Datasheet
1Mb / 12P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com