Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESAD25M-02N Arkusz danych(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Numer części ESAD25M-02N
Szczegółowy opis  16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAD25M-02N Arkusz danych(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ESAD25M-02N Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAD25M-02N Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
Features
Low forward voltage drop
Latest GPP technology with super fast recovery time
Glass passivated with high current capability
Case: TO-3PF isolated package by fully molding
High surge current capability
Weight: 6.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
(1) Reverse recovery test conditions IF= 0.5A, IR= 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
®
ESAD25M-02N thru ESAD25M-06N
Pb Free Plating Product
ESAD25M-02N/ESAD25M-04N/ESAD25M-06N
16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Application
Pb
-55 to + 150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
140
200
400
280
600
420
600
16.0
5.0
175
0.98
35
100
90
2.2
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
oC
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
o
C
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 8.0 A
At Rated DC Blocking Voltage @TJ=125
o
C
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
150
ESAD25M-02N
200
400
1.3
1.7
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.05
TO-3PF/TO-3P(H)IS
ESAD25M-04N ESAD25M-06N
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Tandem Polarity
Case
Series Connection
Tandem Polarity
Suffix "N"
Suffix "D"
Suffix "S"
/W
.610 (15.5)
.217 (5.5)
.130 (3.3)
.138 (3.5)
.215 (5.47)
.177
(4.5)
.177
(4.5)
.720
(18.3)
Min
.378
(9.6)
.965
(24.5)


Podobny numer części - ESAD25M-02N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
ESAD25M-02C THINKISEMI-ESAD25M-02C Datasheet
256Kb / 2P
   16 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
ESAD25M-02D THINKISEMI-ESAD25M-02D Datasheet
256Kb / 2P
   16 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
ESAD25M-02S THINKISEMI-ESAD25M-02S Datasheet
256Kb / 2P
   16 Ampere Insulated Series Connection Fast Recovery Half Bridge Rectifiers
More results

Podobny opis - ESAD25M-02N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
MURF1620CTA THINKISEMI-MURF1620CTA Datasheet
379Kb / 2P
   16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FMG22R THINKISEMI-FMG22R_17 Datasheet
791Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
ESAC25M-02N THINKISEMI-ESAC25M-02N Datasheet
666Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
YG225N2 THINKISEMI-YG225N2 Datasheet
668Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
DFR10A20CTA THINKISEMI-DFR10A20CTA Datasheet
681Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FRF1620A THINKISEMI-FRF1620A Datasheet
373Kb / 2P
   16.0 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FMU22R THINKISEMI-FMU22R Datasheet
743Kb / 2P
   10.0 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
ER1602N THINKISEMI-ER1602N Datasheet
330Kb / 2P
   16 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
MUR1620AT THINKISEMI-MUR1620AT Datasheet
357Kb / 2P
   16 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
ESAD25-02N THINKISEMI-ESAD25-02N Datasheet
249Kb / 2P
   16 Ampere Dual Common Anode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com