Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESAD39M-02D Arkusz danych(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Numer części ESAD39M-02D
Szczegółowy opis  10 Ampere Insulated Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAD39M-02D Arkusz danych(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  ESAD39M-02D Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAD39M-02D Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
ESAD39M-02D
ESAD39M-04D
ESAD39M-06D
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.05
®
ESAD39M-02D thru ESAD39M-06D


Podobny numer części - ESAD39M-02D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
ESAD39M-02C THINKISEMI-ESAD39M-02C Datasheet
729Kb / 2P
   10 Ampere Insulated Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
ESAD39M-02N THINKISEMI-ESAD39M-02N Datasheet
716Kb / 2P
   10 Ampere Insulated Common Anode Ultra Fast Recovery Half Bridge Rectifiers
ESAD39M-02S THINKISEMI-ESAD39M-02S Datasheet
716Kb / 2P
   10 Ampere Insulated Series Connection Ultra Fast Recovery Half Bridge Rectifiers
More results

Podobny opis - ESAD39M-02D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinki Semiconductor Co...
UGF1004GD THINKISEMI-UGF1004GD Datasheet
335Kb / 2P
   10 Ampere Insulated Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
YG225D2 THINKISEMI-YG225D2 Datasheet
668Kb / 2P
   10 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
ESAC25M-02S THINKISEMI-ESAC25M-02S Datasheet
669Kb / 2P
   10 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
ESAD39-02D THINKISEMI-ESAD39-02D Datasheet
703Kb / 2P
   10 Ampere Heatsink Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
ESAD25M-02D THINKISEMI-ESAD25M-02D Datasheet
256Kb / 2P
   16 Ampere Insulated Tandem Polarity Fast Recovery Half Bridge Rectifiers
C10P20FS THINKISEMI-C10P20FS Datasheet
693Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
F10P20FS THINKISEMI-F10P20FS Datasheet
668Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
D8LD20U THINKISEMI-D8LD20U Datasheet
669Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
YG902S2 THINKISEMI-YG902S2 Datasheet
666Kb / 2P
   10 Ampere Dual Tandem Polarity Ultra Fast Recovery Half Bridge Rectifiers
D10LD20U THINKISEMI-D10LD20U Datasheet
662Kb / 2P
   10 Ampere Dual Tandem Polarity Super Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com