Zakładka z wyszukiwarką danych komponentów |
|
LFH-SBX25G1AS05SZ0 Arkusz danych(PDF) 2 Page - SICK AG |
|
LFH-SBX25G1AS05SZ0 Arkusz danych(HTML) 2 Page - SICK AG |
2 / 5 page A B C D E F H I J K L M N O P Q R S T LFH-SBX25G1AS05SZ0 | LFH PRESSURE SENSORS Illustration may differ Ordering information Type Part no. LFH-SBX25G1AS05SZ0 6040940 Other models and accessories www.sick.com/LFH Features Medium Fluids Pressure type Gauge pressure Measuring range 0 bar ... 0.25 bar Process temperature –10 °C ... +50 °C Output signal 4 mA ... 20 mA, 2-wire Cable length 5 m Performance Non-linearity ≤ ± 0.2 %, of span (Best Fit Straight Line, BFSL) according to IEC 61298-2 Accuracy ≤ ± 0.5 % of the span 1) Non-repeatability ≤ ± 0.1 % of the span Long-term drift/one-year stability ≤ ± 0.2 % of span (at reference conditions) Temperature coefficient in rated tempera- ture range Mean TC of zero: ≤ 0.2 % of span / 10 K (< 0.4 % for pressure ranges ≤ 0.25 bar), Mean TC of span ≤ 0.2 % of span / 10 K Rated temperature range 0 °C ... +50 °C 1) Including non-linearity, hysteresis, zero point and full scale error (corresponds to error of measurement as per IEC 61298-2). Mechanics/electronics Wetted parts Housing: Stainless steel Pressure connection/diaphragm: CrNi steel Protection cap: PA Electrical connection PUR cable Supply voltage 10 V DC ... 30 V DC 14 V DC ... 30 V DC with output signal 0 V ... 10 V (only with enhanced varient) Electrical safety Protection class: III Short-circuit protection: QA towards M Reverse polarity protection: L+ to M Surge protection: According to EN 61000-4-5 (1.5 J) optional for enhanced variant Dielectric strength 500 V DC, NEC Class 02 power supply (low voltage and low current max. 100 VA even in the event of a fault) CE-conformity EMC directive: 2004/108/EC, EN 61 326-2-3 Weight sensor 0.18 kg 2 FLUID SENSORS | SICK Online data sheet | 2017-02-13 13:16:27 Subject to change without notice |
Podobny numer części - LFH-SBX25G1AS05SZ0 |
|
Podobny opis - LFH-SBX25G1AS05SZ0 |