Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA1206C470 Arkusz danych(PDF) 2 Page - API Technologies Corp

Numer części SA1206C470
Szczegółowy opis  Surface Mount Filter Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SA1206C470 Arkusz danych(HTML) 2 Page - API Technologies Corp

  SA1206C470 Datasheet HTML 1Page - API Technologies Corp SA1206C470 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM9
Surface Mount Filter Arrays
SA Series
Length (L) Max.
PO.031 (0.8)
Top side
chip
GND
Copper foil pattern
.011 (0.3)
GND
.023 (0.6)
.102 (2.6)
GND
Copper foil pattern
GND
chip
Bottom side
Ground pattern
Ground pattern
Through hole
Through hole
Top side
Bottom side
.015 (0.4±0.2)
.125 (3.2±0.2)
.062 (1.6±0.2)
.031 (0.8±0.1)
.031 (0.8±0.2)
Dimensions
GND
GND
Equivalent Circuit
.027 (0.7±0.2)
PO.031 (0.8)
.011 (0.3)
.023 (0.6)
.102 (2.6)
Recommended Board Pattern
Dimensions in inches
(mm)
Chip
.078 (2.00±0.2)
.157
(4.0±0.1)
.078
(2.00±0.01)
ø .058 (1.5±0.1-0)
.137
(3.5±0.05)
.068
(1.75±0.1)
.042 (1.1) Max.
.054 (1.4) Max.
.157
(4.0±0.1)
SA Tape and Reel Packaging
Dimensions in inches
(mm)
Ordering Information
Temperature
Characteristics
C+/-30ppm/˚C
R+/-15%
U-750+/-120
ppm/˚C
Style
SASeries
Capacitance
Size
1206
Capacitance
tolerance
M=±20%
Packaging
T- Tapeandreel
4,000 pc/reel
B-Bulkpack
1,000 pcs/bag
22 pF
47 pF
100 pF
220 pF
470 pF
1,000 pF
2,200 pF
22,000 pF
Termination
N=NiBarrier
Solder Plated
RatedVoltage
(Vdc)
A=25
B=50
SA 1206 C
220
MB
N
B


Podobny numer części - SA1206C470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SA120 PANJIT-SA120 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA120 CHONGQING-SA120 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA120 FCI-SA120 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA120 TSC-SA120 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA120 WTE-SA120 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Podobny opis - SA1206C470

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
CN1J4TTD105J KOA-CN1J4TTD105J Datasheet
585Kb / 1P
   Surface Mount Resistor Arrays
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_11 Datasheet
100Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6-AU PANJIT-BAT54TB6-AU Datasheet
98Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TB6 PANJIT-BAT54TB6_16 Datasheet
137Kb / 5P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAS70TW PANJIT-BAS70TW Datasheet
152Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
logo
Jiangsu Changjiang Elec...
FMMBD4448HTW JIANGSU-FMMBD4448HTW Datasheet
177Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAYS
logo
Pan Jit International I...
BAT54STB-TB6 PANJIT-BAT54STB-TB6_16 Datasheet
197Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
BAT54TW PANJIT-BAT54TW_17 Datasheet
170Kb / 4P
   SURFACE MOUNT SCHOTTKY DIODE ARRAYS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com