Zakładka z wyszukiwarką danych komponentów |
|
LM4040DEM3-2.0 Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM4040DEM3-2.0 Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
5 / 30 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Reverse Current 20 mA Forward Current 10 mA Power Dissipation (T A = 25˚C) (Note 2) M3 Package 306 mW Z Package 550 mW M7 Package 241 mW Storage Temperature −65˚C to +150˚C Lead Temperature M3 Package Vapor phase (60 seconds) +215˚C Infrared (15 seconds) +220˚C Z Package Soldering (10 seconds) +260˚C ESD Susceptibility Human Body Model (Note 3) 2 kV Machine Model (Note 3) 200V See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. Operating Ratings(Notes 1, 2) Temperature Range (T min ≤ T A ≤ T max) Industrial Temperature Range −40˚C ≤ T A ≤ +85˚C Extended Temperature Range −40˚C ≤ T A ≤ +125˚C Reverse Current LM4040-2.0 60 µA to 15 mA LM4040-2.5 60 µA to 15 mA LM4040-3.0 62 µA to 15 mA LM4040-4.1 68 µA to 15 mA LM4040-5.0 74 µA to 15 mA LM4040-8.2 91 µA to 15 mA LM4040-10.0 100 µA to 15 mA LM4040-2.0 Electrical Characteristics (Industrial Temperature Range) Boldface limits apply for T A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. The grades A and B designate initial Re- verse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. Symbol Parameter Conditions Typical (Note 4) LM4040AIM3 LM4040AIZ (Limit) (Note 5) LM4040BIM3 LM4040BIZ LM4040BIM7 (Limit) (Note 5) Units (Limit) V R Reverse Breakdown Voltage I R = 100 µA 2.048 V Reverse Breakdown Voltage Tolerance (Note 6) I R = 100 µA ±2.0 ±4.1 mV (max) ±15 ±17 mV (max) I RMIN Minimum Operating Current 45 µA 60 60 µA (max) 65 65 µA (max) ∆V R/ ∆T Average Reverse Breakdown Voltage Temperature Coefficient (Note 6) I R =10 mA ±20 ppm/˚C I R =1 mA ±15 ±100 ±100 ppm/˚C (max) I R = 100 µA ±15 ppm/˚C ∆V R/ ∆I R Reverse Breakdown Voltage Change with Operating Current Change (Note *NO TARGET FOR FNXref NS4914*) I RMIN ≤ I R ≤ 1 mA 0.3 mV 0.8 0.8 mV (max) 1.0 1.0 mV (max) 1mA ≤ I R ≤ 15 mA 2.5 mV 6.0 6.0 mV (max) 8.0 8.0 mV (max) Z R Reverse Dynamic Impedance I R = 1 mA, f = 120 Hz, I AC = 0.1 IR 0.3 Ω 0.8 0.8 Ω (max) e N Wideband Noise I R = 100 µA 35 µV rms 10 Hz ≤ f ≤ 10 kHz www.national.com 5 |
Podobny numer części - LM4040DEM3-2.0 |
|
Podobny opis - LM4040DEM3-2.0 |