Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8642 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8642
Szczegółowy opis  Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8642 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8642 Datasheet HTML 4Page - Analog Devices AD8642 Datasheet HTML 5Page - Analog Devices AD8642 Datasheet HTML 6Page - Analog Devices AD8642 Datasheet HTML 7Page - Analog Devices AD8642 Datasheet HTML 8Page - Analog Devices AD8642 Datasheet HTML 9Page - Analog Devices AD8642 Datasheet HTML 10Page - Analog Devices AD8642 Datasheet HTML 11Page - Analog Devices AD8642 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8641/AD8642/AD8643
Data Sheet
Rev. F | Page 8 of 15
–600
–400
–200
–300
–500
0
–100
200
100
400
300
600
500
–5
0
–15
–10
5
10
15
OUTPUT VOLTAGE (V)
10k
Ω 1kΩ
100k
VSY = ±13V
Figure 19. Input Error Voltage vs. Output Voltage for Resistive Loads
–350
–250
–150
–200
–300
–50
–100
50
0
150
100
250
200
0
50
100
150
200
250
300
350
OUTPUT VOLTAGE FROM SUPPLY RAIL (mV)
RL = 1kΩ
POS RAIL
NEG RAIL
RL = 10kΩ
RL = 2kΩ
RL = 100kΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
RL = 2kΩ
VSY = ±5V
Figure 20. Input Error Voltage vs. Output Voltage
Within 300 mV of Supply Rails
0
100
200
300
400
500
600
700
800
4
8
12
16
20
24
28
VSY (V)
+25°C
–55°C
+125°C
Figure 21. Quiescent Current vs. Supply Voltage at Different Temperatures
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY – VOL
VSY – VOH
VSY = ±13V
Figure 22. Output Saturation Voltage vs. Load Current
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VOL
VSY – VOH
VSY = 5V
Figure 23. Output Saturation Voltage vs. Load Current
–30
–135
–90
–45
0
45
90
135
180
225
270
315
–20
–10
0
10
20
30
40
50
60
70
10k
100k
1M
10M
GAIN
PHASE
VSY = ±13V
RL = 2k
CL = 40pF
FREQUENCY (Hz)
Figure 24. Open-Loop Gain and Phase Margin vs. Frequency


Podobny numer części - AD8642

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8642 AD-AD8642 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8642ARMZ-R2 AD-AD8642ARMZ-R2 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8642ARMZ-REEL AD-AD8642ARMZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

Podobny opis - AD8642

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641 AD-AD8641 Datasheet
327Kb / 12P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. 0
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
logo
Analog Devices
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com