Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4850-2YCP-EBZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADA4850-2YCP-EBZ
Szczegółowy opis  High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2YCP-EBZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADA4850-2YCP-EBZ Datasheet HTML 3Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 4Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 5Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 6Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 7Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 8Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 9Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 10Page - Analog Devices ADA4850-2YCP-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADA4850-1/ADA4850-2
Rev. D | Page 7 of 14
Figure 11. Small Signal Frequency Response for Various Temperatures
Figure 12. Small Signal Frequency Response for Various Temperatures
Figure 13. Open-Loop Gain and Phase vs. Frequency
Figure 14. Slew Rate vs. Output Voltage
Figure 15. Supply Current vs. Power-Down Voltage
Figure 16. Crosstalk vs. Frequency
3
–5
1
1000
FREQUENCY (MHz)
2
1
0
–1
–2
–3
–4
10
100
VS = 3V
G = +1
RL = 1k
VOUT = 0.1V p-p
+125
C
–40
C
+25
C
+85
C
3
–5
1
1000
FREQUENCY (MHz)
2
1
0
–1
–2
–3
–4
10
100
VS = 5V
G = +1
RL = 1k
VOUT = 0.1V p-p
+125
C
–40
C
+25
C
+85
C
–20
0
20
40
60
80
100
120
100k
10k
100
1k
10
1M
10M
100M
1G
FREQUENCY (Hz)
PHASE
GAIN
VS = 5V
140
–240
–210
–180
–150
–120
–90
–60
–30
0
0
100
200
150
50
300
250
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
OUTPUT VOLTAGE STEP (V)
G = +2
VS = 5V
RL = 1k
5.0
POSITIVE SLEW RATE
NEGATIVE SLEW RATE
POWER-DOWN VOLTAGE (V)
0.1
10k
0
5.0
1
10
100
1k
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VS = 3V, 5V, ADA4850-2
VS = 3V, 5V, ADA4850-1 POWER DOWN
VS = 3V, 5V, ADA4850-1 ENABLE
FREQUENCY (Hz)
1M
100k
10M
100M
VOUT1 TO VOUT2
–100
–90
–80
–70
–60
–50
–40
VOUT2 TO VOUT1
G = +2
VS = 5V
RL = 150
VOUT = 2V p-p


Podobny numer części - ADA4850-2YCP-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2YCPZ-RL AD-ADA4850-2YCPZ-RL Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4850-2YCPZ-RL AD-ADA4850-2YCPZ-RL Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-2YCPZ-RL7 AD-ADA4850-2YCPZ-RL7 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
More results

Podobny opis - ADA4850-2YCP-EBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
   High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
ADA4850-1 AD-ADA4850-1 Datasheet
443Kb / 16P
   High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
REV. A
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
   Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
   Low Cost, High Speed, Rail-to-Rail Output Op Amps
REV. C
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. D
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com