Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8692ARZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD8692ARZ
Szczegółowy opis  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8692ARZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD8692ARZ Datasheet HTML 7Page - Analog Devices AD8692ARZ Datasheet HTML 8Page - Analog Devices AD8692ARZ Datasheet HTML 9Page - Analog Devices AD8692ARZ Datasheet HTML 10Page - Analog Devices AD8692ARZ Datasheet HTML 11Page - Analog Devices AD8692ARZ Datasheet HTML 12Page - Analog Devices AD8692ARZ Datasheet HTML 13Page - Analog Devices AD8692ARZ Datasheet HTML 14Page - Analog Devices AD8692ARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8691/AD8692/AD8694
Rev. F | Page 11 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 32. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
8
5
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
Figure 33. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-8)
Dimensions shown in millimeters and (inches)


Podobny numer części - AD8692ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8692ARZ AD-AD8692ARZ Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
AD8692ARZ AD-AD8692ARZ Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8692ARZ AD-AD8692ARZ Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8692ARZ AD-AD8692ARZ Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
AD8692ARZ-REEL AD-AD8692ARZ-REEL Datasheet
277Kb / 12P
   Low Cost, High Performance, CMOS Rail-to-Rail Output Operational Amplifier
REV. 0
More results

Podobny opis - AD8692ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com