Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si53154-A01AGM Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części Si53154-A01AGM
Szczegółowy opis  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53154-A01AGM Arkusz danych(HTML) 1 Page - Silicon Laboratories

  Si53154-A01AGM Datasheet HTML 1Page - Silicon Laboratories Si53154-A01AGM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bulletin #1604293
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev O
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in part or whole
without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive
technical document updates, new product announcements, “how-to” and design documents, product
change notices (PCN) and other valuable content available only to registered users.
http://www.silabs.com/profile
Bulletin Date: 4/29/2016
Bulletin Effective Date: 4/29/2016
Title: Si5315x, Si5214x Data Sheet Update
Originator: Linda Lua
Phone: +1 408 702 1322
Dept: Marketing
Customer Contact: Kathy Haggar
Phone: +1 512-532-5261
Dept: Sales
Bulletin Details
Description:
The test condition for Clock Stabilization from Power-up (Tstable) parameter is added for measurement
clarification to the Data Sheet. Condition for Tstable is “Measured from the point when both VDD and
clock input are valid”.
In Si52144 Data Sheet, the OEx internal resistor in pin description is updated from pull-down to pull-up.
In Si52142, Si52143, Si52144, Si53154 Data Sheets, theta JC is updated to 25°C/W.
In Si52142, Si52143, Si52144, Si52146, Si52147 Data Sheets, package land pattern is added.
Reason:
Silicon Labs is issuing this notification to inform customers that the test condition for Clock Stabilization
from Power-up (Tstable) parameter is added to the Data Sheets of affected part numbers in Product
Identification section below. Si52144 Data Sheet has an additional update to correct the OEx internal
resistor in pin description. In Si52142, Si52143, Si52144, Si53154 Data Sheets, the theta JC is updated
to 25°C/W. In Si52142, Si52143, Si52144, Si52146, Si52147 Data Sheets, package land pattern is
added.
Product Identification:
Si53152-A01AGM
Si53152-A01AGMR
Si53154-A01AGM
Si53154-A01AGMR
Si53156-A01AGM
Si53156-A01AGMR
Si53159-A01AGM
Si53159-A01AGMR
Si52142-A01AGM
Si52142-A01AGMR
Si52143-A01AGM
Si52143-A01AGMR
Si52144-A01AGM
Si52144-A01AGMR
Si52146-A01AGM
Si52146-A01AGMR
Si52147-A01AGM
Si52147-A01AGMR


Podobny numer części - Si53154-A01AGM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI53154-A01AGM SKYWORKS-SI53154-A01AGM Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
SI53154-A01AGMR SKYWORKS-SI53154-A01AGMR Datasheet
992Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 QUAD FANOUT BUFFER
Rev. 1.3
More results

Podobny opis - Si53154-A01AGM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com