Zakładka z wyszukiwarką danych komponentów |
|
EZR32LG330F64R63G-B0 Arkusz danych(PDF) 1 Page - Silicon Laboratories |
|
EZR32LG330F64R63G-B0 Arkusz danych(HTML) 1 Page - Silicon Laboratories |
1 / 4 page Process Change Notice #1506172 ____________________________________________________________________________________________________ W7206F1 Process Change Notice Form rev AU The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 4 User Registration Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content available only to registered users. http://www.silabs.com/profile PCN Date: 6/17/2015 Effective Date: 6/17/2015 Title: EZR32LG and EZR32WG Data sheet Revision Notification Originator: Kavita Char Phone: 408-702-1297 Dept: SRW Marketing Customer Contact: Kathy Haggar Phone: 512-532-5261 Dept: Sales PCN Type: ☒ Data sheet ☐ Foundry ☐ Packing ☐ Product Revision ☐ Assembly ☐ Labeling ☐ Discontinuance ☐ Test ☐ Other Last Order Date: Not Applicable PCN Details Description of Change: Silicon Labs is pleased to announce availability of v1.1 of EZR32LG and EZR32WG wireless MCU data sheets. The affected data sheets are: EZR32LG230, EZR32LG330, EZR32WG230 and EZR32WG330. The new data sheet revision includes the changes listed below: • Updated OPNs in Ordering Section. • USART0 in Configuration Summary table changed to USARTRF0. • Sleep current corrected from 40 nA to 20 nA. • GPIO number corrected from 41 to 38. • Number of operational amplifiers corrected from 3 to 2. • Added "EZRadio and EZRadioPRO Transceivers GPIO Configuration" section. • Updated Table 5.1 Device Pinout: Revised Pin 10, Pin 11, Pin 61, and Pin 62. • Updated Table 5.2 Alternate Functionality Overview: Removed GPIO0 and GPIO1. • Revised Top Marking Table: Corrected Line 2 Marking row. • Revised Table 3.2 Configuration Table: Added USB. • Updated Section 5.6 (QFN64 Package) and Table 5.4 (QFN64 package dimensions)*. • Updated Section 6.1—PCB Land Pattern Dimensions * * This revision reflects the actual package dimension that is in production and affects only the documentation. There is no change to the package/product. Reason for Change: Updated data sheets to include new radio sub-section describing the MCU-RF interface, updated device package dimensions and updates to pinout tables and features section. Impact on Form, Fit, Function, Quality, Reliability: This change does not impact form, function, quality or reliability. The fit of the actual product is not changing; however, the package dimensions are being corrected in the data sheets to reflect the actual dimensions of the product. |
Podobny numer części - EZR32LG330F64R63G-B0 |
|
Podobny opis - EZR32LG330F64R63G-B0 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |