Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EZR32WG230F64R63G-B0R Arkusz danych(PDF) 1 Page - Silicon Laboratories

Numer części EZR32WG230F64R63G-B0R
Szczegółowy opis  This change does not impact form, function, quality or reliability.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG230F64R63G-B0R Arkusz danych(HTML) 1 Page - Silicon Laboratories

  EZR32WG230F64R63G-B0R Datasheet HTML 1Page - Silicon Laboratories EZR32WG230F64R63G-B0R Datasheet HTML 2Page - Silicon Laboratories EZR32WG230F64R63G-B0R Datasheet HTML 3Page - Silicon Laboratories EZR32WG230F64R63G-B0R Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Process Change Notice #1506172
____________________________________________________________________________________________________
W7206F1 Process Change Notice Form rev AU
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in
part or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 4
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive technical document
updates, new product announcements, “how-to” and design documents, product change notices (PCN) and other valuable content
available only to registered users. http://www.silabs.com/profile
PCN Date: 6/17/2015
Effective Date: 6/17/2015
Title: EZR32LG and EZR32WG Data sheet Revision Notification
Originator: Kavita Char
Phone: 408-702-1297
Dept: SRW Marketing
Customer Contact: Kathy Haggar
Phone: 512-532-5261
Dept: Sales
PCN Type:
Data sheet
Foundry
Packing
Product Revision
Assembly
Labeling
Discontinuance
Test
Other
Last Order Date: Not Applicable
PCN Details
Description of Change:
Silicon Labs is pleased to announce availability of v1.1 of EZR32LG and EZR32WG wireless MCU data
sheets. The affected data sheets are: EZR32LG230, EZR32LG330, EZR32WG230 and EZR32WG330.
The new data sheet revision includes the changes listed below:
Updated OPNs in Ordering Section.
USART0 in Configuration Summary table changed to USARTRF0.
Sleep current corrected from 40 nA to 20 nA.
GPIO number corrected from 41 to 38.
Number of operational amplifiers corrected from 3 to 2.
Added "EZRadio and EZRadioPRO Transceivers GPIO Configuration" section.
Updated Table 5.1 Device Pinout: Revised Pin 10, Pin 11, Pin 61, and Pin 62.
Updated Table 5.2 Alternate Functionality Overview: Removed GPIO0 and GPIO1.
Revised Top Marking Table: Corrected Line 2 Marking row.
Revised Table 3.2 Configuration Table: Added USB.
Updated Section 5.6 (QFN64 Package) and Table 5.4 (QFN64 package dimensions)*.
Updated Section 6.1—PCB Land Pattern Dimensions *
* This revision reflects the actual package dimension that is in production and affects only the
documentation. There is no change to the package/product.
Reason for Change:
Updated data sheets to include new radio sub-section describing the MCU-RF interface, updated
device package dimensions and updates to pinout tables and features section.
Impact on Form, Fit, Function, Quality, Reliability:
This change does not impact form, function, quality or reliability. The fit of the actual product is
not changing; however, the package dimensions are being corrected in the data sheets to reflect
the actual dimensions of the product.


Podobny numer części - EZR32WG230F64R63G-B0R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
EZR32WG230F64R55G SILABS-EZR32WG230F64R55G Datasheet
1Mb / 87P
   Building and home automation
EZR32WG230F64R55G-C0 SILABS-EZR32WG230F64R55G-C0 Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
More results

Podobny opis - EZR32WG230F64R63G-B0R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
1606201 SILABS-1606201 Datasheet
90Kb / 2P
   This change does not impact form, fit, function, quality or reliability.
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com