Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCD-E3 Arkusz danych(PDF) 4 Page - Gamewell-FCI by Honeywell

Numer części LCD-E3
Szczegółowy opis  Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Strona internetowa  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-E3 Arkusz danych(HTML) 4 Page - Gamewell-FCI by Honeywell

  LCD-E3 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 3Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 4Page - Gamewell-FCI by Honeywell LCD-E3 Datasheet HTML 5Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0613 Rev. M page 4 of 5
www.gamewell-fci.com
Figure 2 E3 Series Broadband System
3,000 ft. (7,620 cm) (max.) between nodes using wire
8 dB loss (max.) between nodes using fiber-optic cable
Initiating / Control Devices
NAC
NAC
FIRE
FIRE
One phone riser
One SLC
(16 AOM-TELFs & 32 AOM-2SFs)
6 Speaker appliance ckts.
150 watts max. @ w/ 50 watts
standby
One phone riser
NAC
NAC
FIRE
FIRE
Local Annunciators, LCD-E3 (max. 6) and
LCD-7100, (max. 5) Global display for all
network events if set to Region “0”
Initiating / Control
Devices
One SLC
(16 AOM-TELFs & 32 AOM-2SFs)
One phone riser
One SLC
(16 AOM-TELFs & 32 AOM-2SFs)
Optional Integral DACT
Initiating / Control
Devices
Local annunciators,
LCD-7100, (max. 5)
Global display for all network
Events add LCD-E3 (max. 6)
FIRE
Connect if wired
Class A, Style 6 or 7 only
Gamewell-FCI
6 Speaker appliance ckts.
150 watts max. @ w/ 50 watts
standby
6 Speaker appliance ckts.
150 watts max. @ w/ 50 watts
standby
E3 Series
E3 Series
E3 Series
Gamewell-FCI
Gamewell-FCI
Gamewell-FCI
Gamewell-FCI
Gamewell-FCI


Podobny numer części - LCD-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3 Datasheet
39Kb / 1P
   LCD keypad display
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
   LCD Keypad Display
More results

Podobny opis - LCD-E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
   Emergency Voice Evacuation
logo
Radiometrix Ltd
M1144 RADIOMETRIX-M1144 Datasheet
208Kb / 8P
   Mesh Networked Alarm Control System
logo
Gamewell-FCI by Honeywe...
AASERIES GAMEWELL-FCI-AASERIES Datasheet
56Kb / 1P
   Amplifiers for Emergency Voice Evacuation Systems
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
AAD-9400X GAMEWELL-FCI-AAD-9400X Datasheet
388Kb / 2P
   Intelligent Fire Alarm Aspiration Sensing Technology
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
IF602VE-126 GAMEWELL-FCI-IF602VE-126 Datasheet
99Kb / 4P
   Analog Addressable Control Panel with Voice Evacuation
GWACC GAMEWELL-FCI-GWACC Datasheet
230Kb / 4P
   Audio Command Center Voice Evacuation Control Panel
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com