Zakładka z wyszukiwarką danych komponentów |
|
TC75L2600OBDNBXXZC-PF Arkusz danych(PDF) 3 Page - Advanced Crystal Technology |
|
TC75L2600OBDNBXXZC-PF Arkusz danych(HTML) 3 Page - Advanced Crystal Technology |
3 / 3 page (V)TCSW75LC Series TCXO/VC‐TCXO, 7.0 x 5.0mm, Clipped sine wave Drawing control: (Internal use only) Commodity code: 854370 90 99 Issue number : 1 Date : 11042016 Internal reference : M6 Advanced Crystal Technology (A wholly owned Acal Bfi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification CL Pin 1 Pin 2 Pin 3 Pin 4 CD RL Output GND GND for TCXO Vc for VCTCXO Vcc V A Supply Vcc Test circuit Clipped sine waveform Solder reflow profile Temp.( °C) Time (sec.) 180 ± 10°C 90~120 sec. max 0.45 in 260 ± 5°C 10 sec. max 300 250 200 150 100 50 0 220 ± 10°C 30~40 sec. max ⑥ ④ ⑦ ⑧ ⑨ |
Podobny numer części - TC75L2600OBDNBXXZC-PF |
|
Podobny opis - TC75L2600OBDNBXXZC-PF |