Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

R0.25E Arkusz danych(PDF) 1 Page - Recom International Power

Numer części R0.25E
Szczegółowy opis  1kVDC and 2kVDC Isolation Option
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RECOM [Recom International Power]
Strona internetowa  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25E Arkusz danych(HTML) 1 Page - Recom International Power

  R0.25E Datasheet HTML 1Page - Recom International Power R0.25E Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
R0.25S/E
Selection Guide
0.25 Watt SMD
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
1 : 1 Input Range
0.25W SMD Package
Efficiency up to 77%
1kVDC and 2kVDC Isolation Option
Operating Temperature from -40°C to +100°C
EN/UL60950-1 Certified
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
R0.25S**-3.305/E*
3.3
5
50
75
1000µF
R0.25S**-0505/E*
5
5
50
77
1000µF
R0.25S**-1205/E*
12
5
50
74
1000µF
Other input and output voltage combinations available on request.
*add Suffix „H“ for 2kVDC Isolation, e.g. R0.25S-3.305/HE
*add Suffix „-R“ for tape & reel packaging, e.g. R0.25S-3.305/E -R
*add Suffix „P“ for Continuous Short Circuit Protection, e.g. R0.25S/PE
**without marking denotes 5 pins out of 8 fitted (includes „H“ option)
with marking 8 denotes 8 pins out of 8 fitted („H“ option not available), e.g R0.25S8-3.305/E
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage full load and after warm up)
Description
The R0.25S/E series DC/DC converter has been designed to offer exceptionally high efficiency,
low quiescent current and an extended operating temperature range. Uses include battery
powered supplies, high efficiency designs or high temperature applications.
Input Voltage Range
±10% max.
Voltage Set Accuracy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
Low Line to High Line @ max. Load
1,2% typ.
Load Regulation
(10% to 100% Load)
4% typ. / 10% max.
Ripple & Noise @ 20MHz BW
50mVp-p typ. / 100mVp-p max.
Efficiency
100% Load
70% min.
Operating Temperature
-40°C to + 100°C
Storage Temperature
-55°C to +125°C
Isolation Test Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Test Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute***)
1000VAC / 60Hz
Isolation Capacitance
75PF max.
Isolation Resistance
Viso = 500V
10 G
Ω min.
Humidity
95% max.
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Short-Circuit Protection
1 Second
MTBF
Using MIL-HDBK 217F (+100°C)
1352 x 10³ hours
Using MIL-HDBK 217F (+25°C)
4494 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Weight
1.0g
Certification
UL General Safety
Report: E224736
UL60950-1
EN General Safety
EN60950-1
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
EN-60950-1 Certified
UL-60950-1 Certified
E224736
RoHS
2011/65/EU
6/6
***Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 0/2015
www.recom-power.com
E-12


Podobny numer części - R0.25E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
   Fully RoHS 6/6 Conform
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
   Features
R0.25D-0509 RECOM-R0.25D-0509 Datasheet
150Kb / 4P
   Features
R0.25D-0512 RECOM-R0.25D-0512 Datasheet
150Kb / 4P
   Features
R0.25D-0515 RECOM-R0.25D-0515 Datasheet
150Kb / 4P
   Features
More results

Podobny opis - R0.25E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Recom International Pow...
RBL RECOM-RBL Datasheet
92Kb / 2P
   1kVDC and 2kVDC Isolation Option
logo
List of Unclassifed Man...
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
   1kVDC 2kVDC Isolation
logo
Recom International Pow...
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
   1KVDC, 2KVDC and 3kVDC Isolation Options
RS3-XX3.3S RECOM-RS3-XX3.3S_13 Datasheet
167Kb / 3P
   2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
REC10M RECOM-REC10M Datasheet
105Kb / 2P
   2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
   2kVDC And 3kVDC Isolation Options
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
   Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
   1500 VDC Isolation, 3000 VDC Option
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com