Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-20-A Arkusz danych(PDF) 4 Page - Amphenol Corporation

Numer części P-20-A
Szczegółowy opis  Thermometrics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-20-A Arkusz danych(HTML) 4 Page - Amphenol Corporation

  P-20-A Datasheet HTML 1Page - Amphenol Corporation P-20-A Datasheet HTML 2Page - Amphenol Corporation P-20-A Datasheet HTML 3Page - Amphenol Corporation P-20-A Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
20
20 mil
25
25 mil
30
30 mil
Code
Probe Length
AA
0.063 in (1 mm) ±0.015 in (±0.381 mm)
A
0.125 in (3 mm) ±0.032 in (±0.81 mm)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
103
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
-
____ - ____
-
____
-
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 10 kΩ = 103.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
The code number to be ordered may be specif ied as follows:
P
Miniature bead-in-glass thermoprobe structure
Code
Maximum Probe Diameter
60
60 mil
65
65 mil
85
80 mil
100
100 mil
Code
Probe Length (see probe length codes table for restrictions)
B
0.25 in (6 mm) ±0.05 in (±1 mm)
D
0.5 in (12 mm) ±0.063 in (±1 mm)
Code
Material System Code
X
See thermal and electrical properties table
Code
Zero-Power
104
Resistance at 77°F (25°C)**
Code
Toleranc Code Letter
F
±1%
G
±2%
J
±5%
K
±10%
L
±15%
M
±20%
N
±25%
P
±30%
Q
±40%
R
±50%
S
Non standard consult
Thermometrics
P -
____
- ____ - ____
-
____ -
____ Typical model number
*Special tolerances are available on request. Consult Thermometrics for special resistance toler-
ances, non-standard resistances and/or non-standard temperatures.
**The zero-power resistance 77°F (25°C), expressed in Ω, is identified by a three digit code number.
The first two digits represent significant figures, and the last digit specifies the number of zeros to
follow. Example: 100 kΩ = 104.
The standard resistance values are from the 24-value series decade as specified in Military
Standards MS90178.
1.0/1.1/1.3/1.5/1.6/1.8/2.0/2.2/2.4/2.7/3.0
3.3/3.6/3.9/4.3/4.7/5.1/5.6/6.2/6.8/7.5/8.2/9.1
Type P20/25/30
Type P60/65/85/100
AAS-920-327A-04/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Other company names and product names used in this document are the registered trademarks or
trademarks of their respective owners.
Amphenol
Advanced Sensors


Podobny numer części - P-20-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-AN COPAL-P-2000-101G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-BN COPAL-P-2000-101G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-AN COPAL-P-2000-102G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-BN COPAL-P-2000-102G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results

Podobny opis - P-20-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com