Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD5.121 Arkusz danych(PDF) 11 Page - PULS GmbH

Numer części CD5.121
Szczegółowy opis  DC/DC Converter 12V, 8A
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULS [PULS GmbH]
Strona internetowa  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Arkusz danych(HTML) 11 Page - PULS GmbH

Back Button CD5.121 Datasheet HTML 7Page - PULS GmbH CD5.121 Datasheet HTML 8Page - PULS GmbH CD5.121 Datasheet HTML 9Page - PULS GmbH CD5.121 Datasheet HTML 10Page - PULS GmbH CD5.121 Datasheet HTML 11Page - PULS GmbH CD5.121 Datasheet HTML 12Page - PULS GmbH CD5.121 Datasheet HTML 13Page - PULS GmbH CD5.121 Datasheet HTML 14Page - PULS GmbH CD5.121 Datasheet HTML 15Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
12. EMC
The DC/DC converter is suitable for applications in industrial environment as well as in residential, commercial and
light industry environment without any restrictions.
EMC Immunity
Generic standards: EN 61000-6-1 and EN 61000-6-2
Electrostatic discharge
EN 61000-4-2
Contact discharge
Air discharge
8kV
15kV
Criterion A
Criterion A
Electromagnetic RF field
EN 61000-4-3
80MHz-2.7GHz
10V/m
Criterion A
Fast transients (Burst)
EN 61000-4-4
Input lines
Output lines
4kV
2kV
Criterion A
Criterion A
Surge voltage on input
EN 61000-4-5
+
-
1kV
Criterion A
+/-
chassis ground
2kV
Criterion A
Surge voltage on output
EN 61000-4-5
+
-
+ / -
chassis ground
500V
1kV
Criterion A
Criterion A
Conducted disturbance
EN 61000-4-6
0.15-80MHz
10V
Criterion A
Criterions:
A:
DC/DC converter shows normal operation behavior within the defined limits.
C:
Temporary loss of function is possible. DC/DC converter may shut-down and restarts by itself. No damage or hazards for the DC/DC
converter will occur.
EMC Emission
Generic standards: EN 61000-6-3 and EN 61000-6-4
Conducted emission
IEC/CISPR 16-1-2, IEC/CISPR 16-2-1
Class B, input lines
(Limits for DC power ports)
Radiated emission
EN 55011, EN 55022
Class B
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
Switching frequency
Variable between 90kHz and 145kHz depending on load and input voltage
(output current > 0.5A)
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
11/22


Podobny numer części - CD5.121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PULS GmbH
CD5.241 PULS-CD5.241 Datasheet
608Kb / 22P
   DC/DC Converter
CD5.241-L1 PULS-CD5.241-L1 Datasheet
546Kb / 21P
   DC/DC Converter
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
   DC/DC Converter
CD5.242 PULS-CD5.242 Datasheet
599Kb / 22P
   DC/DC Converter
CD5.243 PULS-CD5.243 Datasheet
633Kb / 22P
   DC/DC Converter
More results

Podobny opis - CD5.121

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAMURA Corporation.
SPM1203SJ TAMURA-SPM1203SJ Datasheet
360Kb / 7P
   DC DC CONVERTER 12V 4W
Rev.C Sep, 2015
logo
Rohm
BP5122 ROHM-BP5122 Datasheet
560Kb / 3P
   DC/DC converter (-12V/100mA output)
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
   12V, 1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
Delta Electronics, Inc.
PACSR12025 DELTA-PACSR12025 Datasheet
660Kb / 7P
   12V Output AC/DC Converter
PACSR12042 DELTA-PACSR12042 Datasheet
739Kb / 7P
   12V Output AC/DC Converter
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com